Electronic Components Datasheet Search
  English  ▼

X  

CHM Datasheet(PDF) 27 Page - ITT Industries

Part # CHM
Description  2.0 CONNECTOR SYSTEM
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

CHM Datasheet(HTML) 27 Page - ITT Industries

Back Button CHM Datasheet HTML 23Page - ITT Industries CHM Datasheet HTML 24Page - ITT Industries CHM Datasheet HTML 25Page - ITT Industries CHM Datasheet HTML 26Page - ITT Industries CHM Datasheet HTML 27Page - ITT Industries CHM Datasheet HTML 28Page - ITT Industries CHM Datasheet HTML 29Page - ITT Industries CHM Datasheet HTML 30Page - ITT Industries CHM Datasheet HTML 31Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
CHM 2.0
Connector System acc to IEC 61076-4-101
27
Coding Devices
CHM120230-
1236
CHM120230-
1248
CHM120230-
1356
CHM120230-
1567
CHM120230-
2578
CHM120230-
3456
CHM120230-
3467
CHM120230-
3478
CHM120230-
3568
CHM120230-
4678
CHM120230-
4578
CHM120230-
3567
CHM120230-
2478
CHM120230-
2348
CHM120230-
1346
CHM120230-
1278
CHM120230-
1258
CHM120230-
1256
CHM120230-
1247
CHM120230-
1235
Part Number
Part Number
Nut brown
RAL 8011
Strawberry red
RAL 3018
Telephony Spec.
Blue lilac
RAL 4005
Brillant blue
RAL 5007
5,0 V C-PCI
Reseda green
RAL 6011
Cadmium yellow
RAL 1021
3,3 V C-PCI
Slate grey
RAL 7015
Steel blue
RAL 5011
Pastel orange
RAL 2003
Ochre yellow
RAL 1024
Colour
1236
1248
1356
1567
2578
3456
3467
3478
3568
4678
Code No.
Nut brown
RAL 8011
Strawberry red
RAL 3018
Telephony Spec.
Blue lilac
RAL 4005
Brillant blue
RAL 5007
5,0 V C-PCI
Reseda green
RAL 6011
Cadmium yellow
RAL 1021
3,3 V C-PCI
Slate grey
RAL 7015
Steel blue
RAL 5011
Pastel orange
RAL 2003
Ochre yellow
RAL 1024
Colour
4578
3567
2478
2348
1346
1278
1258
1256
1247
1235
Code No.
Coding key
Coding key
Male connectors
Female connectors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com