Electronic Components Datasheet Search
  English  ▼

X  

74FCT2245ATSOG Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 74FCT2245ATSOG
Description  FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

74FCT2245ATSOG Datasheet(HTML) 3 Page - Renesas Technology Corp

  74FCT2245ATSOG Datasheet HTML 1Page - Renesas Technology Corp 74FCT2245ATSOG Datasheet HTML 2Page - Renesas Technology Corp 74FCT2245ATSOG Datasheet HTML 3Page - Renesas Technology Corp 74FCT2245ATSOG Datasheet HTML 4Page - Renesas Technology Corp 74FCT2245ATSOG Datasheet HTML 5Page - Renesas Technology Corp 74FCT2245ATSOG Datasheet HTML 6Page - Renesas Technology Corp 74FCT2245ATSOG Datasheet HTML 7Page - Renesas Technology Corp 74FCT2245ATSOG Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
INDUSTRIALTEMPERATURERANGE
IDT74FCT2245AT/CT
FASTCMOSOCTALBIDIRECTIONALTRANSCEIVER
3
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
VIH
Input HIGH Level
Guaranteed Logic HIGH Level
2
—
—
V
VIL
Input LOW Level
Guaranteed Logic LOW Level
—
—
0.8
V
IIH
Input HIGH Current(4)
VCC = Max.
VI = 2.7V
—
—
±1
μA
IIL
Input LOW Current(4)
VCC = Max.
VI = 0.5V
—
—
±1
μA
IOZH
High Impedance Output Current
VCC = Max.
VI = 2.7V
—
—
±1
μA
IOZL
(3-State Output Pins)(4)
VI = 0.5V
—
—
±1
II
Input HIGH Current(4)
VCC = Max., VI = VCC (Max.)
—
—
±1
μA
VIK
Clamp Diode Voltage
VCC = Min., IIN = –18mA
—
–0.7
–1.2
V
VH
Input Hysteresis
—
—
200
—
mV
ICC
Quiescent Power Supply Current
VCC = Max.
—
0.01
1
mA
VIN = GND or VCC
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
FollowingConditionsApplyUnlessOtherwiseSpecified:
Industrial: TA = –40°C to +85°C, VCC = 5.0V ±5%
NOTES:
1. For conditions shown as Min. or Max., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 5.0V, +25°C ambient.
3. Not more than one output should be tested at one time. Duration of the test should not exceed one second.
4. The test limit for this parameter is ±5
μA at TA = -55°C.
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
IODL
OutputLOWCurrent
VCC = 5V, VIN = VIH or VIL, VOUT = 1.5V(3)
16
48
—
mA
IODH
Output HIGH Current
VCC = 5V, VIN = VIH or VIL, VOUT = 1.5V(3)
-16
-48
—
mA
VOH
Output HIGH Voltage
VCC = Min
IOH = –15mA
2.4
3.3
—
V
VIN = VIH or VIL
VOL
Output LOWVoltage
VCC = Min
IOL = 12mA
—
0.3
0.5
V
VIN = VIH or VIL
OUTPUT DRIVE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com