Electronic Components Datasheet Search
  English  ▼

X  

74FCT2245ATSOG Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 74FCT2245ATSOG
Description  FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

74FCT2245ATSOG Datasheet(HTML) 1 Page - Renesas Technology Corp

  74FCT2245ATSOG Datasheet HTML 1Page - Renesas Technology Corp 74FCT2245ATSOG Datasheet HTML 2Page - Renesas Technology Corp 74FCT2245ATSOG Datasheet HTML 3Page - Renesas Technology Corp 74FCT2245ATSOG Datasheet HTML 4Page - Renesas Technology Corp 74FCT2245ATSOG Datasheet HTML 5Page - Renesas Technology Corp 74FCT2245ATSOG Datasheet HTML 6Page - Renesas Technology Corp 74FCT2245ATSOG Datasheet HTML 7Page - Renesas Technology Corp 74FCT2245ATSOG Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
INDUSTRIALTEMPERATURERANGE
IDT74FCT2245AT/CT
FASTCMOSOCTALBIDIRECTIONALTRANSCEIVER
1
APRIL 2016
INDUSTRIAL TEMPERATURE RANGE
IDT and the IDT logo is a registered trademark of Integrated Device Technology, Inc.
© 2016 Integrated Device Technology, Inc.
DSC-5511/8
FEATURES:
• A and C grades
• Low input and output leakage
≤≤≤≤≤1μA (max.)
• CMOS power levels
• True TTL input and output compatibility:
–VOH = 3.3V (typ.)
–VOL = 0.3V (typ.)
• Meets or exceeds JEDEC standard 18 specifications
• Resistor outputs -15mA IOH, 12mA IOL
• Reduced system switching noise
• Available in SOIC and QSOP packages
FUNCTIONAL BLOCK DIAGRAM
IDT74FCT2245AT/CT
FAST CMOS OCTAL
BIDIRECTIONAL
TRANSCEIVER
DESCRIPTION:
The IDT octal bidirectional transceivers are built using an advanced dual
metal CMOS technology. The FCT2245T is designed for asynchronous
two-way communication between data buses. The transmit/receive (T/R)
input determines the direction of data flow through the bidirectional trans-
ceiver. Transmit (active high) enables data from A ports to B ports, and
receive (active low) from B ports to A ports. The output enable (OE) input,
when high, disables both A and B ports by placing them in high Z condition.
The FCT2245T has balanced drive outputs with current limiting resistors.
This offers low ground bounce, minimal undershoot and controlled output
fall times- reducing the need for external series terminating resistors. The
FCT2245T parts are plug-in replacements for FCT245T parts.
A
B0
0
T/
R
OE
A
B1
1
A
B2
2
A
B3
3
A
B4
4
A
B5
5
A
B6
6
A
B7
7


Similar Part No. - 74FCT2245ATSOG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
74FCT2244AT IDT-74FCT2244AT Datasheet
52Kb / 6P
FAST CMOS OCTAL BUFFER/LINE DRIVER
logo
Renesas Technology Corp
74FCT2244ATQIG RENESAS-74FCT2244ATQIG Datasheet
208Kb / 7P
FAST CMOS OCTAL BUFFER/LINE DRIVER
NOVEMBER 2016
74FCT2244ATQIG8 RENESAS-74FCT2244ATQIG8 Datasheet
208Kb / 7P
FAST CMOS OCTAL BUFFER/LINE DRIVER
NOVEMBER 2016
74FCT2244ATSOIG RENESAS-74FCT2244ATSOIG Datasheet
208Kb / 7P
FAST CMOS OCTAL BUFFER/LINE DRIVER
NOVEMBER 2016
74FCT2244ATSOIG8 RENESAS-74FCT2244ATSOIG8 Datasheet
208Kb / 7P
FAST CMOS OCTAL BUFFER/LINE DRIVER
NOVEMBER 2016
More results

Similar Description - 74FCT2245ATSOG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT245 IDT-IDT74FCT245 Datasheet
70Kb / 7P
FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
IDT74FCT245T IDT-IDT74FCT245T Datasheet
160Kb / 8P
FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
IDT74FCT543T IDT-IDT74FCT543T Datasheet
119Kb / 7P
FAST CMOS OCTAL LATCHED TRANSCEIVER
logo
Pericom Semiconductor C...
PI74FCT245T PERICOM-PI74FCT245T Datasheet
248Kb / 4P
Fast CMOS Octal Bidirectional Transceivers
logo
Integrated Device Techn...
IDT74FCT645T IDT-IDT74FCT645T Datasheet
110Kb / 6P
FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
IDT54FCT245 IDT-IDT54FCT245_02 Datasheet
85Kb / 7P
FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
54F253DMQB IDT-54F253DMQB Datasheet
188Kb / 7P
FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
logo
Pericom Semiconductor C...
PI74FCT245TQEX PERICOM-PI74FCT245TQEX Datasheet
563Kb / 7P
Fast CMOS Octal Bidirectional Transceivers
logo
Integrated Device Techn...
74FCT245T IDT-74FCT245T Datasheet
58Kb / 7P
FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
logo
Renesas Technology Corp
IDT74FCT3245 RENESAS-IDT74FCT3245 Datasheet
211Kb / 7P
3.3V CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
MAY 2018
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com