Electronic Components Datasheet Search
  English  ▼

X  

74FCT2245ATSOG Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 74FCT2245ATSOG
Description  FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

74FCT2245ATSOG Datasheet(HTML) 5 Page - Renesas Technology Corp

  74FCT2245ATSOG Datasheet HTML 1Page - Renesas Technology Corp 74FCT2245ATSOG Datasheet HTML 2Page - Renesas Technology Corp 74FCT2245ATSOG Datasheet HTML 3Page - Renesas Technology Corp 74FCT2245ATSOG Datasheet HTML 4Page - Renesas Technology Corp 74FCT2245ATSOG Datasheet HTML 5Page - Renesas Technology Corp 74FCT2245ATSOG Datasheet HTML 6Page - Renesas Technology Corp 74FCT2245ATSOG Datasheet HTML 7Page - Renesas Technology Corp 74FCT2245ATSOG Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
INDUSTRIALTEMPERATURERANGE
IDT74FCT2245AT/CT
FASTCMOSOCTALBIDIRECTIONALTRANSCEIVER
5
NOTES:
1. See test circuit and waveforms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
3. This parameter is guaranteed but not tested.
SWITCHING CHARACTERISTICS OVER OPERATING RANGE(1)
74FCT2245AT
74FCT2245CT
Symbol
Parameter
Condition(1)
Min.(2)
Max.
Min.(2)
Max.
Unit
tPLH
PropagationDelay
CL = 50 pF
1.5
4.6
1.5
4.1
ns
tPHL
A to B, B to A
RL = 500
Ω
tPZH
OutputEnableTime
1.5
6.2
1.5
5.8
ns
tPZL
OE
to A or B
tPHZ
OutputDisableTime
1.5
5
1.5
4.8
ns
tPLZ
OE
to A or B
tPZH
OutputEnableTime
1.5
6.2
1.5
5.8
ns
tPZL
T/R to A or B(3)
tPHZ
OutputDisableTime
1.5
5
1.5
4.8
ns
tPLZ
T/R to A or B(3)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com