Electronic Components Datasheet Search
  English  ▼

X  

BFQ149 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BFQ149
Description  PNP 5 GHz wideband transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFQ149 Datasheet(HTML) 2 Page - NXP Semiconductors

  BFQ149 Datasheet HTML 1Page - NXP Semiconductors BFQ149 Datasheet HTML 2Page - NXP Semiconductors BFQ149 Datasheet HTML 3Page - NXP Semiconductors BFQ149 Datasheet HTML 4Page - NXP Semiconductors BFQ149 Datasheet HTML 5Page - NXP Semiconductors BFQ149 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
September 1995
2
Philips Semiconductors
Product specification
PNP 5 GHz wideband transistor
BFQ149
DESCRIPTION
PNP transistor in a SOT89 envelope.
It is intended for use in
UHF applications such as broadband
aerial amplifiers (30 to 860 MHz) and
in microwave amplifiers such as radar
systems, spectrum analyzers, etc.,
using SMD technology.
PINNING
PIN
DESCRIPTION
Code: FG
1
emitter
2
collector
3
base
Fig.1 SOT89.
fpage
12
3
Bottom view
MBK514
QUICK REFERENCE DATA
LIMITING VALUES
In accordance with the Absolute Maximum System (IEC 134).
Note
1. Ts is the temperature at the soldering point of the collector tab.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCEO
collector-emitter voltage
open base
−−−15
V
IC
DC collector current
−−−100
mA
Ptot
total power dissipation
up to Ts = 135 °C (note 1)
−−
1W
hFE
DC current gain
IC = −70 mA; VCE = −10 V; Tj = 25 °C20
50
−
fT
transition frequency
IC = −75 mA; VCE = −10 V;
f = 500 MHz; Tj = 25 °C
45
−
GHz
GUM
maximum unilateral power gain
IC = −50 mA; VCE = −10 V;
f = 500 MHz; Tamb = 25 °C
−
12
−
dB
F
noise figure
IC = −50 mA; VCE = −10 V;
Rs =60 Ω; f = 500 MHz;
Tamb = 25 °C
−
3.75
−
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−−20
V
VCEO
collector-emitter voltage
open base
−−15
V
VEBO
emitter-base voltage
open collector
−−3V
IC
DC collector current
−−100
mA
ICM
peak collector current
f
> 1 MHz
−−150
mA
Ptot
total power dissipation
up to Ts = 135 °C (note 1)
−
1W
Tstg
storage temperature
−65
150
°C
Tj
junction temperature
−
150
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com