Electronic Components Datasheet Search
  English  ▼

X  

BFQ149 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BFQ149
Description  PNP 5 GHz wideband transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFQ149 Datasheet(HTML) 3 Page - NXP Semiconductors

  BFQ149 Datasheet HTML 1Page - NXP Semiconductors BFQ149 Datasheet HTML 2Page - NXP Semiconductors BFQ149 Datasheet HTML 3Page - NXP Semiconductors BFQ149 Datasheet HTML 4Page - NXP Semiconductors BFQ149 Datasheet HTML 5Page - NXP Semiconductors BFQ149 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
September 1995
3
Philips Semiconductors
Product specification
PNP 5 GHz wideband transistor
BFQ149
THERMAL RESISTANCE
Note
1. Ts is the temperature at the soldering point of the collector tab.
CHARACTERISTICS
Tj = 25 °C unless otherwise specified.
Note
1. GUM is the maximum unilateral power gain, assuming S12 is zero and
SYMBOL
PARAMETER
CONDITIONS
THERMAL RESISTANCE
Rth j-s
thermal resistance from junction to
soldering point
up to Ts = 135 °C (note 1)
40 K/W
SYMBOL
PARAMETER
CONDITIONS
MIN. TYP. MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB = −10 V;
−−
100
nA
hFE
DC current gain
IC = −70 mA; VCE = −10 V
20
50
−
fT
transition frequency
IC = −70 mA; VCE = −10 V;
f = 500 MHz; Tamb = 25 °C
45
−
GHz
Cc
collector capacitance
IE = 0; VCB = −10 V; f = 1 MHz
−
2
−
pF
Ce
emitter capacitance
IC = 0; VEB = −0.5 V; f = 1 MHz
−
4
−
pF
Cre
feedback capacitance
IC = 0; VCE = −10 V; f = 1 MHz
−
1.7
−
pF
GUM
maximum unilateral power gain
(note 1)
IC = −50 mA; VCE = −10 V;
f = 500 MHz; Tamb = 25 °C
−
12
−
dB
F
noise figure
IC = −50 mA; VCE = −10 V;
Rs = 60 Ω; f = 500 MHz;
Tamb = 25 °C
−
3.75
−
dB
G
UM
10
S
21
2
1S
11
2
–


1S
22
2
–


--------------------------------------------------------------
dB.
log
=



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com