Electronic Components Datasheet Search
  English  ▼

X  

BFQ149 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BFQ149
Description  PNP 5 GHz wideband transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFQ149 Datasheet(HTML) 4 Page - NXP Semiconductors

  BFQ149 Datasheet HTML 1Page - NXP Semiconductors BFQ149 Datasheet HTML 2Page - NXP Semiconductors BFQ149 Datasheet HTML 3Page - NXP Semiconductors BFQ149 Datasheet HTML 4Page - NXP Semiconductors BFQ149 Datasheet HTML 5Page - NXP Semiconductors BFQ149 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
September 1995
4
Philips Semiconductors
Product specification
PNP 5 GHz wideband transistor
BFQ149
Fig.2
Collector capacitance as a function of
collector-base voltage.
IE = 0; f = 1 MHz; Tj =25 °C.
handbook, halfpage
MEA328
020
4
0
3
10
2
1
C c
(pF)
VCB (V)
Fig.3
Transition frequency as a function of
collector current.
VCE = −10 V; f = 500 MHz; Tamb =25 °C.
handbook, halfpage
0
50
100
8
6
2
0
4
MBB347
(GHz)
T
f
I
(mA)
C
Fig.4
DC current gain as a function of collector
current.
VCE = −10 V; Tj =25 °C.
handbook, halfpage
MBB345
0
80
60
20
0
100
200
FE
h
40
I
(mA)
C
Fig.5
Maximum unilateral power gain as a
function of frequency.
Ic = −50 mA; VCE = −10 V; Tamb =25 °C.
handbook, halfpage
40
0
20
30
10
MEA329
10
2
103
10
4
10
f (MHz)
G UM
(dB)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com