Electronic Components Datasheet Search
  English  ▼

X  

BFQ166 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BFQ166
Description  NPN video transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFQ166 Datasheet(HTML) 2 Page - NXP Semiconductors

  BFQ166 Datasheet HTML 1Page - NXP Semiconductors BFQ166 Datasheet HTML 2Page - NXP Semiconductors BFQ166 Datasheet HTML 3Page - NXP Semiconductors BFQ166 Datasheet HTML 4Page - NXP Semiconductors BFQ166 Datasheet HTML 5Page - NXP Semiconductors BFQ166 Datasheet HTML 6Page - NXP Semiconductors BFQ166 Datasheet HTML 7Page - NXP Semiconductors BFQ166 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1997 Oct 02
2
Philips Semiconductors
Product specification
NPN video transistor
BFQ166
FEATURES
•Low output capacitance
• High gain bandwidth
• Good thermal stability
• Gold metallization ensures
excellent reliability
• High current applicability
• Surface mounting.
APPLICATIONS
• Video amplifier cascode driver in
high-resolution colour graphics
monitors.
DESCRIPTION
NPN video transistor in a SOT223
plastic package.
PINNING
PIN
DESCRIPTION
1
emitter
2
base
3
emitter
4
collector
Fig.1
Simplified outline
(SOT223).
page
4
123
MSB002 - 1
Top view
QUICK REFERENCE DATA
Note
1. Ts is the temperature at the soldering point of the collector lead.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Ts is the temperature at the soldering point of the collector lead.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−−
20
V
VCER
collector-emitter voltage
RBE = 100 Ω−
−
19
V
IC
collector current (DC)
−−
500
mA
Ptot
total power dissipation
Ts ≤ 105 °C; note 1
−−
2W
hFE
DC current gain
IC = 300 mA; VCE = 5 V; see Fig.4
50
60
−
fT
transition frequency
IC = 300 mA; VCE = 5 V; f = 100 MHz;
Tamb =25 °C
1
−−
GHz
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−
20
V
VCEO
collector-emitter voltage
open base
−
10
V
VCER
collector-emitter voltage
RBE = 100 Ω−
19
V
VEBO
emitter-base voltage
open collector
−
3V
IC
collector current (DC)
−
500
mA
Ptot
total power dissipation
Ts ≤ 105 °C; note 1; see Fig.3
−
2W
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
175
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com