Electronic Components Datasheet Search
  English  ▼

X  

BFQ166 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BFQ166
Description  NPN video transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFQ166 Datasheet(HTML) 4 Page - NXP Semiconductors

  BFQ166 Datasheet HTML 1Page - NXP Semiconductors BFQ166 Datasheet HTML 2Page - NXP Semiconductors BFQ166 Datasheet HTML 3Page - NXP Semiconductors BFQ166 Datasheet HTML 4Page - NXP Semiconductors BFQ166 Datasheet HTML 5Page - NXP Semiconductors BFQ166 Datasheet HTML 6Page - NXP Semiconductors BFQ166 Datasheet HTML 7Page - NXP Semiconductors BFQ166 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1997 Oct 02
4
Philips Semiconductors
Product specification
NPN video transistor
BFQ166
Fig.2 DC SOAR.
RBE ≤ 100 Ω.
handbook, halfpage
MRA601
0
200
400
600
0
5
10
15
20
VCER (V)
IC
(mA)
Fig.3 Power derating curve.
handbook, halfpage
MRA600
0
1
2
3
0
50
100
150
200
Ptot
(W)
Ts (
oC)
Fig.4
DC current gain as a function of
collector current; typical values.
VCE =5V.
handbook, halfpage
MBB436
0
200
400
600
80
40
60
50
70
IC (mA)
hFE
Fig.5
Transition frequency as a function of
collector current; typical values.
VCE = 5 V; Tamb =25 °C.
handbook, halfpage
MBB435
0
100
200
300
3
0
1
2
IC (mA)
fT
(GHz)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com