Electronic Components Datasheet Search
  English  ▼

X  

BFQ166 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BFQ166
Description  NPN video transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFQ166 Datasheet(HTML) 3 Page - NXP Semiconductors

  BFQ166 Datasheet HTML 1Page - NXP Semiconductors BFQ166 Datasheet HTML 2Page - NXP Semiconductors BFQ166 Datasheet HTML 3Page - NXP Semiconductors BFQ166 Datasheet HTML 4Page - NXP Semiconductors BFQ166 Datasheet HTML 5Page - NXP Semiconductors BFQ166 Datasheet HTML 6Page - NXP Semiconductors BFQ166 Datasheet HTML 7Page - NXP Semiconductors BFQ166 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1997 Oct 02
3
Philips Semiconductors
Product specification
NPN video transistor
BFQ166
THERMAL CHARACTERISTICS
Notes
1. Ts is the temperature at the soldering point of the collector lead.
2. Device mounted on a printed-circuit board measuring 40
× 40 × 1 mm (collector pad 35 × 17 mm).
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-s
thermal resistance from junction to soldering point
Ts = 105 °C; Ptot =2W;
notes 1 and 2
35
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V(BR)CBO
collector-base breakdown voltage
IC = 5 mA; IE =0
20
−−
V
V(BR)CER
collector-emitter breakdown voltage
IC = 10 mA; RBE = 100 Ω
19
−−
V
V(BR)CEO
collector-emitter breakdown voltage
IC = 10 mA; IB =0
10
−−
V
ICES
collector-emitter cut-off current
VCE = 10 V; VBE =0
−−
100
µA
hFE
DC current gain
IC = 300 mA; VCE = 5 V; see Fig.4 50
60
−
Cc
collector capacitance
IE =ie = 0; VCB =5V; f=1MHz
−
4.5
−
pF
Ccb
collector-base capacitance
IC =ic = 0; VCB = 5 V; f = 1 MHz;
see Fig.6
−
3.2
−
pF
fT
transition frequency
IC = 300 mA; VCE =5V;
f = 100 MHz; Tamb =25 °C;
see Fig.5
1
−−
GHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com