Electronic Components Datasheet Search
  English  ▼

X  

NVT2002DP Datasheet(PDF) 12 Page - NXP Semiconductors

Part # NVT2002DP
Description  Bidirectional voltage level translator for open-drain and push-pull applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NVT2002DP Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button NVT2002DP Datasheet HTML 8Page - NXP Semiconductors NVT2002DP Datasheet HTML 9Page - NXP Semiconductors NVT2002DP Datasheet HTML 10Page - NXP Semiconductors NVT2002DP Datasheet HTML 11Page - NXP Semiconductors NVT2002DP Datasheet HTML 12Page - NXP Semiconductors NVT2002DP Datasheet HTML 13Page - NXP Semiconductors NVT2002DP Datasheet HTML 14Page - NXP Semiconductors NVT2002DP Datasheet HTML 15Page - NXP Semiconductors NVT2002DP Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
NXP Semiconductors
NVT2001; NVT2002
Bidirectional voltage level translator for open-drain and push-pull applications
Tamb (°C)
-40
105
-20
aaa-035923
0
20
40
60
80
4
6
2
8
10
Ron(typ)
(W)
0
VI(EN) = 1.5 V
2.3 V
3.0 V
4.5 V
a. IO = 64 mA; VI = 0 V
Tamb (°C)
-40
105
-20
aaa-035924
0
20
40
60
80
2
8
Ron(typ)
(W)
0
6
4
b. IO = 15 mA; VI = 2.4 V; VI(EN) = 4.5 V
Tamb (°C)
-40
105
-20
aaa-035925
0
20
40
60
80
20
80
Ron(typ)
(W)
0
60
40
c. IO = 15 mA; VI = 2.4 V; VI(EN) = 3.0 V
Tamb (°C)
-40
105
-20
aaa-035926
0
20
40
60
80
20
80
Ron(typ)
(W)
0
60
40
d. IO = 15 mA; VI = 1.7 V; VI(EN) = 2.3 V
Figure 10. Typical ON-state resistance versus ambient temperature
11 Dynamic characteristics
11.1 Open-drain drivers
Tamb = -40 °C to +105 °C; VI(EN) = Vref(B); Rbias(ext) = 200 kΩ; CVREFB = 0.1 μF; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Refer to Figure 13
tPLH
LOW to HIGH propagation delay
from (input) Bn to
(output) An
[1]
Ron × (CL + Cio(on))
ns
tPHL
HIGH to LOW propagation delay
from (input) Bn to
(output) An
Ron × (CL + Cio(on))
ns
Table 12. Dynamic characteristics for open-drain drivers
[1]
See graphs based on Ron typical and Cio(on) + CL = 50 pF.
NVT2001_NVT2002
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.4 — 22 May 2023
12 / 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com