Electronic Components Datasheet Search
  English  ▼

X  

ADT7482 Datasheet(PDF) 7 Page - Analog Devices

Part # ADT7482
Description  Dual Channel Temperature Sensor and Overtemperature Alarm
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7482 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADT7482 Datasheet HTML 3Page - Analog Devices ADT7482 Datasheet HTML 4Page - Analog Devices ADT7482 Datasheet HTML 5Page - Analog Devices ADT7482 Datasheet HTML 6Page - Analog Devices ADT7482 Datasheet HTML 7Page - Analog Devices ADT7482 Datasheet HTML 8Page - Analog Devices ADT7482 Datasheet HTML 9Page - Analog Devices ADT7482 Datasheet HTML 10Page - Analog Devices ADT7482 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
ADT7482
Rev. 0 | Page 7 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
3.5
–1.0
–50
150
TEMPERATURE (°C)
3.0
2.5
2.0
1.5
1.0
0.5
0
–0.5
050
100
DEV 1
DEV 2
DEV 3
DEV 4
DEV 5
DEV 6
DEV 7
DEV 8
DEV 9
DEV 10
DEV 11
DEV 12
DEV 13
DEV 14
DEV 15
DEV 16
MEAN
HIGH 4Σ
LOW 4Σ
Figure 4. Local Temperature Error vs. Temperature
3.5
–1.0
–50
150
3.0
2.5
2.0
1.5
1.0
0.5
0
–0.5
050
100
TEMPERATURE (°C)
DEV 1
DEV 2
DEV 3
DEV 4
DEV 5
DEV 6
DEV 7
DEV 8
DEV 9
DEV 10
DEV 11
DEV 12
DEV 13
DEV 14
DEV 15
DEV 16
HIGH 4Σ
LOW 4Σ
Figure 5. Remote 1 Temperature Error vs. Temperature
3.5
–1.0
–50
150
3.0
2.5
2.0
1.5
1.0
0.5
0
–0.5
050
100
TEMPERATURE (°C)
DEV 1
DEV 2
DEV 3
DEV 4
DEV 5
DEV 6
DEV 7
DEV 8
DEV 9
DEV 10
DEV 11
DEV 12
DEV 13
DEV 14
DEV 15
DEV 16
MEAN
HIGH 4Σ
LOW 4Σ
Figure 6. Remote 2 Temperature Error vs. Temperature
10
–25
1
100
LEAKAGE RESISTANCE (MΩ)
5
0
–5
–10
–15
–20
10
D+ TO GND
D+ TO VCC
Figure7. Temperature Error vs. D+/D− Leakage Resistance
0
–18
0
25
CAPACITANCE (nF)
–2
–4
–6
–8
–10
–12
–14
–16
510
15
20
DEV 3
DEV 2
DEV 4
Figure 8. Temperature Error vs. D+/D− Capacitance
1000
0
0.01
100
CONVERSION RATE (Hz)
900
800
700
600
500
400
300
200
100
0.1
1
10
DEV 4BC
DEV 3BC
DEV 2BC
Figure 9. Operating Supply Current vs. Conversion Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com