Electronic Components Datasheet Search
  English  ▼

X  

ADT7482 Datasheet(PDF) 1 Page - Analog Devices

Part # ADT7482
Description  Dual Channel Temperature Sensor and Overtemperature Alarm
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7482 Datasheet(HTML) 1 Page - Analog Devices

  ADT7482 Datasheet HTML 1Page - Analog Devices ADT7482 Datasheet HTML 2Page - Analog Devices ADT7482 Datasheet HTML 3Page - Analog Devices ADT7482 Datasheet HTML 4Page - Analog Devices ADT7482 Datasheet HTML 5Page - Analog Devices ADT7482 Datasheet HTML 6Page - Analog Devices ADT7482 Datasheet HTML 7Page - Analog Devices ADT7482 Datasheet HTML 8Page - Analog Devices ADT7482 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Dual Channel Temperature Sensor
and Overtemperature Alarm
ADT7482
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
1 local and 2 remote temperature sensors
0.25°C resolution/1°C accuracy on remote channels
1°C resolution/1°C accuracy on local channel
Automatically cancels up to 1.5 kΩ (typ) of resistance in
series with the remote sensors
Extended, switchable temperature measurement range 0°C
to +127°C (default) or −55°C to +150°C
2-wire SMBus serial interface with SMBus alert support
Programmable overtemperature/undertemperature limits
Offset registers for system calibration
Up to 2 overtemperature fail-safe THERM outputs
Small, 10-lead MSOP package
240 μA operating current, 5 μA standby current
APPLICATIONS
Desktop and notebook computers
Industrial controllers
Smart batteries
Automotive
Embedded systems
Burn-in applications
Instrumentation
GENERAL DESCRIPTION
The ADT74821 is a three-channel digital thermometer and
undertemperature/overtemperature alarm for PCs and thermal
management systems. It can measure the temperature in two
remote locations, such as in the remote thermal diode in a CPU
or GPU, or using a discrete diode connected transistor. This
device also measures its own ambient temperature.
One feature of the ADT7482 is series resistance cancellation
where up to 1.5 kΩ (typical) of resistance in series with each of
the temperature monitoring diodes can be automatically
cancelled from the temperature result, allowing noise filtering.
The temperature of the remote thermal diodes and ambient
temperature can be measured accurate to ±1°C. The tempera-
ture measurement range, which defaults to 0°C to 127°C, can be
switched to a wider measurement range of from −55°C to +150°C.
The ADT7482 communicates over a 2-wire serial interface
compatible with system management bus (SMBus) standards.
The default address of the ADT7482 is 0x4C. An ALERT output
signals when the on-chip or remote temperature is outside the
programmed limits. The THERM output is a comparator output
that allows on/off control of a cooling fan. The ALERT output can
be reconfigured as a second THERM output if required.
1 Protected by U.S. Patents 5,195,827, 5,867,012, 5,982,221, 6,097,239,
6,133,753, 6,169,442, 7,010,440, other patents pending.
FUNCTIONAL BLOCK DIAGRAM
11-BIT ADC
RUN/STANDBY
BUSY
SRC
STATUS REGISTERS
INTERRUPT
MASKING
LOCAL TEMPERATURE
VALUE REGISTER
ON-CHIP
TEMPERATURE
SENSOR
ANALOG
MUX
EXTERNAL DIODES OPEN-CIRCUIT
SMBus INTERFACE
ADT7482
6
7
10
1
5
9
VDD
GND
SDATA
SCLK
8
D2+
D2–
3
2
D1+
D1–
ALERT/THERM2
CONFIGURATION
REGISTERS
LOCAL TEMPERATURE
HIGH-LIMIT REGISTER
LOCAL TEMPERATURE
LOW-LIMIT REGISTER
LOCAL TEMPERATURE
THERM-LIMIT REGISTER
CONVERSION RATE
REGISTER
ONE-SHOT
REGISTER
ADDRESS POINTER
REGISTER
4
THERM
REMOTE 1 AND 2 TEMP
VALUE REGISTERS
REMOTE 1 AND 2 TEMP
THERM-LIMIT REGISTERS
REMOTE 1 AND 2 TEMP
LOW-LIMIT REGISTERS
REMOTE 1 AND 2 TEMP
HIGH-LIMIT REGISTERS
REMOTE 1 AND 2 TEMP
VALUE REGISTERS
Figure 1.


Similar Part No. - ADT7482

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADT7482 ONSEMI-ADT7482 Datasheet
262Kb / 20P
Dual Channel Temperature Sensor and Overtemperature Alarm
December, 2009 ??Rev. 3
ADT7482ARMZ ONSEMI-ADT7482ARMZ Datasheet
262Kb / 20P
Dual Channel Temperature Sensor and Overtemperature Alarm
December, 2009 ??Rev. 3
ADT7482ARMZ-REEL ONSEMI-ADT7482ARMZ-REEL Datasheet
262Kb / 20P
Dual Channel Temperature Sensor and Overtemperature Alarm
December, 2009 ??Rev. 3
More results

Similar Description - ADT7482

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7481 AD-ADT7481 Datasheet
498Kb / 24P
Dual Channel Temperature Sensor and Over Temperature Alarm
7/05-Revision 0
ADT7483A AD-ADT7483A Datasheet
499Kb / 24P
Dual Channel Temperature Sensor and Over Temperature Alarm
7/05-Revision 0
logo
Maxim Integrated Produc...
MAX6642 MAXIM-MAX6642_09 Datasheet
218Kb / 14P
±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 2; 7/09
logo
ON Semiconductor
ADT7481 ONSEMI-ADT7481 Datasheet
264Kb / 20P
Dual Channel Temperature Sensor and Overtemperature Alarm
June, 2010 ??Rev. 5
ADT7482 ONSEMI-ADT7482 Datasheet
262Kb / 20P
Dual Channel Temperature Sensor and Overtemperature Alarm
December, 2009 ??Rev. 3
ADT7483A ONSEMI-ADT7483A Datasheet
316Kb / 24P
Dual Channel Temperature Sensor and Over Temperature Alarm
February 2008 ??Rev. 1
logo
Maxim Integrated Produc...
MAX6642ATT98 MAXIM-MAX6642ATT98 Datasheet
160Kb / 14P
SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 3; 10/09
logo
ON Semiconductor
ADT7481 ONSEMI-ADT7481_14 Datasheet
198Kb / 20P
Dual Channel Temperature Sensor and Overtemperature Alarm
September, 2014 ??Rev. 8
ADT7483A ONSEMI-ADT7483A_12 Datasheet
285Kb / 20P
Dual Channel Temperature Sensor and Over Temperature Alarm
July, 2012 - Rev. 2
logo
Maxim Integrated Produc...
MAX6642 MAXIM-MAX6642_V01 Datasheet
174Kb / 14P
짹1째C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com