Electronic Components Datasheet Search
  English  ▼

X  

ADT7482 Datasheet(PDF) 23 Page - Analog Devices

Part # ADT7482
Description  Dual Channel Temperature Sensor and Overtemperature Alarm
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7482 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADT7482 Datasheet HTML 16Page - Analog Devices ADT7482 Datasheet HTML 17Page - Analog Devices ADT7482 Datasheet HTML 18Page - Analog Devices ADT7482 Datasheet HTML 19Page - Analog Devices ADT7482 Datasheet HTML 20Page - Analog Devices ADT7482 Datasheet HTML 21Page - Analog Devices ADT7482 Datasheet HTML 22Page - Analog Devices ADT7482 Datasheet HTML 23Page - Analog Devices ADT7482 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
ADT7482
Rev. 0 | Page 23 of 24
above ambient. However, the current forced through the remote
sensor is so small that self-heating is negligible. In the case of
the ADT7482, the worst-case condition occurs when the device
is converting at 64 conversions per second while sinking the
maximum current of 1 mA at the ALERT and THERM output.
In this case, the total power dissipation in the device is about
4.5 mW. The thermal resistance, θJA, of the MSOP-10 package is
about 142°C/W.
LAYOUT CONSIDERATIONS
Digital boards can be electrically noisy environments, and the
ADT7482 is measuring very small voltages from the remote
sensor, so care must be taken to minimize noise induced at the
sensor inputs. Take the following precautions:
•
Place the ADT7482 as close as possible to the remote
sensing diode. Provided that the worst noise sources, that
is, clock generators, data/address buses, and CRTs, are
avoided, this distance can be 4 inches to 8 inches.
•
Route the D+ and D– tracks close together, in parallel, with
grounded guard tracks on each side. To minimize
inductance and reduce noise pick-up, a 5 mil track width
and spacing is recommended. Provide a ground plane
under the tracks,if possible.
5MIL
5MIL
5MIL
5MIL
5MIL
5MIL
5MIL
GND
D+
D–
GND
Figure 24. Typical Arrangement of Signal Tracks
•
Try to minimize the number of copper/solder joints that
can cause thermocouple effects. Where copper/solder
joints are used, make sure that they are in both the D+ and
D− path and at the same temperature.
•
Thermocouple effects should not be a major problem as
1°C corresponds to about 200 mV, and thermocouple
voltages are about 3 mV/°C of temperature difference.
Unless there are two thermocouples with a big temperature
differential between them, thermocouple voltages should
be much less than 200 mV.
•
Place a 0.1 μF bypass capacitor close to the VDD pin. In
extremely noisy environments, an input filter capacitor can
be placed across D+ and D−, close to the ADT7482. This
capacitance can effect the temperature measurement, so
care must be taken to ensure that any capacitance seen at
D+ and D− is a maximum of 1000 pF. This maximum
value includes the filter capacitance, plus any cable or stray
capacitance between the pins and the sensor diode.
•
If the distance to the remote sensor is more than 8 inches,
the use of twisted pair cable is recommended. A total of 6
feet to 12 feet is needed.
•
For long distances (up to 100 feet), use shielded twisted
pair, such as Belden No. 8451 microphone cable. Connect
the twisted pair to D+ and D− and the shield to GND close
to the ADT7482. Leave the remote end of the shield
unconnected to avoid ground loops.
Because the measurement technique uses switched current
sources, excessive cable or filter capacitance can affect the
measurement. When using long cables, the filter capacitance
can be reduced or removed.
APPLICATION CIRCUIT
Figure 25 shows a typical application circuit for the ADT7482,
using discrete sensor transistors. The pull-ups on SCLK,
SDATA, and ALERT are required only if they are not already
provided elsewhere in the system.
The SCLK pin and the SDATA pin of the ADT7482 can be
interfaced directly to the SMBus of an I/O controller, such as
the Intel® 820 chipset.
5V OR 12V
SMBUS
CONTROLLER
FAN CONTROL
CIRCUIT
2N3904/06
OR
CPU THERMAL
DIODE
D1+
D1–
D2+
D2–
VDD
SCLK
SDATA
ALERT
THERM
GND
ADT7482
0.1µF
VDD
TYP 10kΩ
FAN ENABLE
3V TO 3.6V
TYP 10kΩ
Figure 25. Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com