Electronic Components Datasheet Search
  English  ▼

X  

BFQ245 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BFQ245
Description  PNP video transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFQ245 Datasheet(HTML) 3 Page - NXP Semiconductors

  BFQ245 Datasheet HTML 1Page - NXP Semiconductors BFQ245 Datasheet HTML 2Page - NXP Semiconductors BFQ245 Datasheet HTML 3Page - NXP Semiconductors BFQ245 Datasheet HTML 4Page - NXP Semiconductors BFQ245 Datasheet HTML 5Page - NXP Semiconductors BFQ245 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1996 Sep 04
3
Philips Semiconductors
Product specification
PNP video transistor
BFQ245
Fig.2 DC SOAR.
Tmb =25 °C.
handbook, halfpage
MBG506
−102
−10
−102
−103
−103
−10
VCE (V)
IC
(mA)
Fig.3 Power derating curve.
VCE ≤−50 V.
handbook, halfpage
0
4
Ptot
(W)
1
2
3
0
100
200
Tmb (
oC)
MBG507
THERMAL CHARACTERISTICS
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-mb
thermal resistance from junction to
mounting base
Ptot = 3.75 W; Tmb =25 °C
40
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V(BR)CBO
collector-base breakdown voltage
IC = −0.1 mA; IE =0
−100
−−
V
V(BR)CER
collector-emitter breakdown voltage IC = −1 mA; RBE = 100 Ω−95
−−
V
V(BR)EBO
emitter-base breakdown voltage
IC = 0; IE = −0.1 mA
−3
−−
V
ICES
collector-emitter leakage current
VCE = −50 V; VBE =0
−−−100
µA
hFE
DC current gain
IC = −25 mA; VCE = −10 V;
see Fig.4
20
−−
fT
transition frequency
IC = −25 mA; VCE = −10 V;
f = 500 MHz; see Fig.5
−
1
−
GHz
Cre
feedback capacitance
IC = 0; VCB = −10 V;
f = 1 MHz; see Fig.6
−
1.7
−
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com