Electronic Components Datasheet Search
  English  ▼

X  

BFQ245 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BFQ245
Description  PNP video transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFQ245 Datasheet(HTML) 4 Page - NXP Semiconductors

  BFQ245 Datasheet HTML 1Page - NXP Semiconductors BFQ245 Datasheet HTML 2Page - NXP Semiconductors BFQ245 Datasheet HTML 3Page - NXP Semiconductors BFQ245 Datasheet HTML 4Page - NXP Semiconductors BFQ245 Datasheet HTML 5Page - NXP Semiconductors BFQ245 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1996 Sep 04
4
Philips Semiconductors
Product specification
PNP video transistor
BFQ245
Fig.4
DC current gain as a function of collector
current; typical values.
VCE = −10 V; tp = 500 µs.
handbook, halfpage
0
−20
−100
hFE
80
40
20
0
60
MBG508
−40
−60
−80
IC (mA)
Fig.5
Transition frequency as a function of
collector current; typical values.
VCE = −10 V; f = 500 MHz.
handbook, halfpage
0
0.4
0.8
1.2
−102
MBG509
−10
IC (mA)
−20
−50
fT
(MHz)
Fig.6
Feedback capacitance as a function of
collector-base voltage; typical values.
f = 1 MHz.
handbook, halfpage
0
−2
−10
Cre
(pF)
3
1
0
2
4
6
5
MBG510
−4
−6
−8
VCB (V)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com