Electronic Components Datasheet Search
  English  ▼

X  

8545 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 8545
Description  Low Skew, 1-to-4 LVCMOS/ LVTTL-to-LVDS Fanout Buffer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

8545 Datasheet(HTML) 4 Page - Renesas Technology Corp

  8545 Datasheet HTML 1Page - Renesas Technology Corp 8545 Datasheet HTML 2Page - Renesas Technology Corp 8545 Datasheet HTML 3Page - Renesas Technology Corp 8545 Datasheet HTML 4Page - Renesas Technology Corp 8545 Datasheet HTML 5Page - Renesas Technology Corp 8545 Datasheet HTML 6Page - Renesas Technology Corp 8545 Datasheet HTML 7Page - Renesas Technology Corp 8545 Datasheet HTML 8Page - Renesas Technology Corp 8545 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
©2015 Integrated Device Technology, Inc.
Revision C, December 8, 2015
8545 Datasheet
Absolute Maximum Ratings
NOTE: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device.
These ratings are stress specifications only. Functional operation of product at these conditions or any conditions beyond
those listed in the DC Characteristics or AC Characteristics is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect product reliability.
DC Electrical Characteristics
Table 4A. Power Supply DC Characteristics, VDD = 3.3V ± 5%, TA = -40°C to 85°C
Table 4B. LVCMOS/LVTTL DC Characteristics, VDD = 3.3V ± 5%, TA = -40°C to 85°C
Item
Rating
Supply Voltage, VDD
4.6V
Inputs, VI
-0.5V to VDD + 0.5V
Outputs, IO
Continuous Current
Surge Current
10mA
15mA
Package Thermal Impedance,
JA
73.2
C/W (0 lfpm)
Storage Temperature, TSTG
-65
C to 150C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VDD
Positive Supply Voltage
3.135
3.3
3.465
V
IDD
Power Supply Current
52
mA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VIH
Input High Voltage
2
VDD + 0.3
V
VIL
Input
Low Voltage
CLK1, CLK2
-0.3
1.3
V
OE, CLK_EN, CLK_SEL
-0.3
0.8
V
IIH
Input
High Current
CLK1, CLK2, CLK_SEL
VDD = VIN = 3.465V
150
µA
OE, CLK_EN
VDD = VIN = 3.465V
5
µA
IIL
Input
Low Current
CLK1, CLK2, CLK_SEL
VDD = 3.465V, VIN = 0V
-5
µA
OE, CLK_EN
VDD = 3.465V, VIN = 0V
-150
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com