Electronic Components Datasheet Search
  English  ▼

X  

8545 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 8545
Description  Low Skew, 1-to-4 LVCMOS/ LVTTL-to-LVDS Fanout Buffer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

8545 Datasheet(HTML) 1 Page - Renesas Technology Corp

  8545 Datasheet HTML 1Page - Renesas Technology Corp 8545 Datasheet HTML 2Page - Renesas Technology Corp 8545 Datasheet HTML 3Page - Renesas Technology Corp 8545 Datasheet HTML 4Page - Renesas Technology Corp 8545 Datasheet HTML 5Page - Renesas Technology Corp 8545 Datasheet HTML 6Page - Renesas Technology Corp 8545 Datasheet HTML 7Page - Renesas Technology Corp 8545 Datasheet HTML 8Page - Renesas Technology Corp 8545 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
©2015 Integrated Device Technology, Inc.
Revision C, December 8, 2015
General Description
The 8545 is a low skew, high performance 1-to-4
LVCMOS/LVTTL-to-LVDS Clock Fanout Buffer. Utilizing Low Voltage
Differential Signaling (LVDS) the 8545 provides a low power, low
noise, solution for distributing clock signals over controlled
impedances of 100
. The 8545 accepts a LVCMOS/LVTTL input
level and translates it to 3.3V LVDS output levels.
Guaranteed output and part-to-part skew characteristics make the
8545 ideal for those applications demanding well defined
performance and repeatability.
Features
• Four differential LVDS output pairs
• Two LVCMOS/LVTTL clock inputs to support redundant
or selectable frequency fanout applications
• Maximum output frequency: 650MHz
• Translates LVCMOS/LVTTL input signals to LVDS levels
• Output skew: 40ps (maximum)
• Part-to-part skew: 500ps (maximum)
• Propagation delay: 3.6ns (maximum)
• Additive phase jitter, RMS: 0.13ps (typical)
• Full 3.3Vsupply mode
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package
8545
20-Lead TSSOP
6.5mm x 4.4mm x 0.925
mm package body
G Package
Top View
Pin Assignment
Block Diagram
0
1
nD
Q
LE
0
1
Q0
Q0
Q1
Q1
Q2
Q2
Q3
Q3
CLK_EN
CLK1
CLK2
CLK_SEL
OE
Pulldown
Pulldown
Pulldown
Pullup
Pullup
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
GND
OE
nc
CLK2
nc
CLK1
CLK_SEL
CLK_EN
GND
VDD
Q0
Q0
VDD
Q1
Q1
Q2
Q2
GND
Q3
Q3
8545
Datasheet
Low Skew, 1-to-4 LVCMOS/ LVTTL-to-LVDS
Fanout Buffer


Similar Part No. - 8545

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8545 FILTRAN-8545 Datasheet
100Kb / 1P
INDUCTORS Inductors Designed for Nationals 150 KHz SIMPLE SWITCHERTM
logo
Integrated Device Techn...
8545 IDT-8545 Datasheet
228Kb / 15P
LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
logo
PHOENIX CONTACT
8545 PHOENIX-8545 Datasheet
324Kb / 22P
AXL E ETH DI8 DO8 M12 6M
logo
3M Electronics
8545 3M-8545 Datasheet
225Kb / 4P
3M Polyurethane Protective Tape 8545 Matte Black (no adhesive)
Apr-2020
logo
Integrated Device Techn...
8545-01 IDT-8545-01 Datasheet
220Kb / 13P
LVCMOS/LVTTL-to-LVDS Fanout Buffer
More results

Similar Description - 8545

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8545I-02 IDT-ICS8545I-02 Datasheet
675Kb / 13P
Low Skew, 1-to-4 LVCMOS/LVTTL-to-LVDS Fanout Buffer
ICS8545-02 IDT-ICS8545-02 Datasheet
704Kb / 13P
LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
ICS8545I IDT-ICS8545I Datasheet
715Kb / 15P
LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
8545-02 IDT-8545-02_12 Datasheet
240Kb / 13P
LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
8545 IDT-8545 Datasheet
228Kb / 15P
LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
logo
Renesas Technology Corp
854105 RENESAS-854105 Datasheet
407Kb / 14P
Low Skew, 1-to-4, LVCMOS/LVTTL-to-LVDS Fanout Buffer
7/10/15
854105I RENESAS-854105I Datasheet
474Kb / 14P
Low Skew, 1-to-4, LVCMOS/ LVTTL-to-LVDS Fanout Buffer
February 23, 2016
8545-01 RENESAS-8545-01 Datasheet
413Kb / 14P
Low Skew, 1-to-4 LVCMOS/LVTTL-to-LVDS Fanout Buffer
Rev A 7/10/15
8545-02 RENESAS-8545-02 Datasheet
402Kb / 14P
LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
REV. A 5/7/15
8545I-02 RENESAS-8545I-02 Datasheet
390Kb / 14P
Low Skew, 1-to-4 LVCMOS/LVTTL-to-LVDS Fanout Buffer
REVISION A 5/7/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com