Electronic Components Datasheet Search
  English  ▼

X  

8545 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # 8545
Description  Low Skew, 1-to-4 LVCMOS/ LVTTL-to-LVDS Fanout Buffer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

8545 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button 8545 Datasheet HTML 6Page - Renesas Technology Corp 8545 Datasheet HTML 7Page - Renesas Technology Corp 8545 Datasheet HTML 8Page - Renesas Technology Corp 8545 Datasheet HTML 9Page - Renesas Technology Corp 8545 Datasheet HTML 10Page - Renesas Technology Corp 8545 Datasheet HTML 11Page - Renesas Technology Corp 8545 Datasheet HTML 12Page - Renesas Technology Corp 8545 Datasheet HTML 13Page - Renesas Technology Corp 8545 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
©2015 Integrated Device Technology, Inc.
Revision C, December 8, 2015
8545 Datasheet
Applications Information
Recommendations for Unused Input and Output Pins
Inputs:
CLK Inputs
For applications not requiring the use of a clock input, it can be left
floating. Though not required, but for additional protection, a 1k
resistor can be tied from the CLK input to ground.
LVCMOS Control Pins
All control pins have internal pull-ups or pull-downs; additional
resistance is not required but can be added for additional protection.
A 1k
 resistor can be used.
Outputs:
LVDS Outputs
All unused LVDS output pairs can be either left floating or terminated
with 100
 across. If they are left floating, there should be no trace
attached.
LVDS Driver Termination
For a general LVDS interface, the recommended value for the
termination impedance (ZT) is between 90 and 132. The actual
value should be selected to match the differential impedance (Z0) of
your transmission line. A typical point-to-point LVDS design uses a
100
 parallel resistor at the receiver and a 100 differential
transmission-line environment. In order to avoid any
transmission-line reflection issues, the components should be
surface mounted and must be placed as close to the receiver as
possible. IDT offers a full line of LVDS compliant devices with two
types of output structures: current source and voltage source. The
standard termination schematic as shown in Figure 2 can be used
with either type of output structure. Figure 3, which can also be used
with both output types, is an optional termination with center tap
capacitance to help filter common mode noise. The capacitor value
should be approximately 50pF. If using a non-standard termination,
it is recommended to contact IDT and confirm if the output structure
is current source or voltage source type. In addition, since these
outputs are LVDS compatible, the input receiver’s amplitude and
common-mode input range should be verified for compatibility with
the output.
Figure 2. Standard LVDS Termination
Figure 3. Optional LVDS Termination
LVDS
Driver
ZO  ZT
ZT
LVDS
Receiver
LVDS
Driver
ZO  ZT
LVDS
Receiver
C
ZT
2
ZT
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com