Electronic Components Datasheet Search
  English  ▼

X  

DMT4008LFDF Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMT4008LFDF
Description  40V N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMT4008LFDF Datasheet(HTML) 4 Page - Diodes Incorporated

  DMT4008LFDF Datasheet HTML 1Page - Diodes Incorporated DMT4008LFDF Datasheet HTML 2Page - Diodes Incorporated DMT4008LFDF Datasheet HTML 3Page - Diodes Incorporated DMT4008LFDF Datasheet HTML 4Page - Diodes Incorporated DMT4008LFDF Datasheet HTML 5Page - Diodes Incorporated DMT4008LFDF Datasheet HTML 6Page - Diodes Incorporated DMT4008LFDF Datasheet HTML 7Page - Diodes Incorporated DMT4008LFDF Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DMT4008LFDF
0.0
5.0
10.0
15.0
20.0
25.0
30.0
0
0.5
1
1.5
2
2.5
3
VDS, DRAIN-SOURCE VOLTAGE (V)
Figure 1. Typical Output Characteristic
VGS = 2.5V
VGS = 2.8V
VGS = 3.0V
VGS = 3.5V
VGS = 4.0V
VGS = 4.5V
VGS = 10V
0
5
10
15
20
25
30
1
1.5
2
2.5
3
3.5
4
VGS, GATE-SOURCE VOLTAGE (V)
Figure 2. Typical Transfer Characteristic
VDS = 5V
TJ = -55oC
TJ = 25oC
TJ = 85oC
TJ = 125oC
TJ = 150oC
0.002
0.004
0.006
0.008
0.01
0.012
0.014
0.016
0
5
10
15
20
25
30
ID, DRAIN-SOURCE CURRENT (A)
Figure 3. Typical On-Resistance vs. Drain Current
and Gate Voltage
VGS = 4.5V
VGS = 10V
0
0.02
0.04
0.06
0.08
0.1
0
4
8
12
16
20
VGS, GATE-SOURCE VOLTAGE (V)
Figure 4. Typical Transfer Characteristic
ID = 10A
ID = 8.5A
0.002
0.004
0.006
0.008
0.01
0.012
0.014
0
5
10
15
20
25
30
ID, DRAIN CURRENT (A)
Figure 5. Typical On-Resistance vs. Drain Current
and Junction Temperature
VGS = 10V
TJ = -55oC
TJ = 25oC
TJ = 85oC
TJ = 125oC
TJ = 150oC
0.6
0.8
1
1.2
1.4
1.6
1.8
-50
-25
0
25
50
75
100 125 150
TJ, JUNCTION TEMPERATURE (
℃)
Figure 6.On-Resistance Variation with Junction
Temperature
VGS = 4.5V, ID = 8.5A
VGS = 10V, ID = 10A
DMT4008LFDF
Datasheet number: DS39333 Rev. 4 - 2
4 of 8
www.diodes.com
March 2020
© Diodes Incorporated



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com