Electronic Components Datasheet Search
  English  ▼

X  

DMT4008LFDF Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMT4008LFDF
Description  40V N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMT4008LFDF Datasheet(HTML) 3 Page - Diodes Incorporated

  DMT4008LFDF Datasheet HTML 1Page - Diodes Incorporated DMT4008LFDF Datasheet HTML 2Page - Diodes Incorporated DMT4008LFDF Datasheet HTML 3Page - Diodes Incorporated DMT4008LFDF Datasheet HTML 4Page - Diodes Incorporated DMT4008LFDF Datasheet HTML 5Page - Diodes Incorporated DMT4008LFDF Datasheet HTML 6Page - Diodes Incorporated DMT4008LFDF Datasheet HTML 7Page - Diodes Incorporated DMT4008LFDF Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DMT4008LFDF
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
40
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 6) VGS = 10V
TA = +25°C
TA = +70°C
ID
11.8
9.4
A
Pulsed Drain Current (10μs Pulse, Duty Cycle = 1%)
IDM
70
A
Pulsed Body Diode Forward Current (10μs Pulse, Duty Cycle = 1%)
ISM
70
A
Continuous Source-Drain Diode Current
IS
2.2
A
Avalanche Current, L = 0.3mH
IAS
13.3
A
Avalanche Energy, L = 0.3mH
EAS
26.5
mJ
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 5)
TA = +25°C
PD
0.8
W
Thermal Resistance, Junction to Ambient (Note 5)
RθJA
155
°C/W
Total Power Dissipation (Note 6)
TA = +25°C
PD
2.0
W
Thermal Resistance, Junction to Ambient (Note 6)
RθJA
63
°C/W
Thermal Resistance, Junction to Case (Note 6)
TC = +25°C
RθJC
8.9
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
40
—
—
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current (TJ = +25°C)
IDSS
—
—
1
µA
VDS = 32V, VGS = 0V
Gate-Source Leakage
IGSS
—
—
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(TH)
1
1.7
3
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS(ON)
—
7.8
9.5
mΩ
VGS = 10V, ID = 10A
—
10.6
15.5
VGS = 4.5V, ID = 8.5A
Diode Forward Voltage
VSD
—
0.7
1.0
V
VGS = 0V, IS = 10A
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
—
1179
—
pF
VDS = 20V, VGS = 0V,
f = 1MHz
Output Capacitance
Coss
—
384
—
Reverse Transfer Capacitance
Crss
—
42
—
Gate Resistance
RG
—
1.7
—
Ω
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge (VGS = 4.5V)
QG
—
8.3
—
nC
VDD = 20V, ID = 10A
Total Gate Charge (VGS = 10V)
QG
—
17.1
—
Gate-Source Charge
QGS
—
2.4
—
Gate-Drain Charge
QGD
—
3.4
—
Turn-On Delay Time
tD(ON)
—
3.5
—
ns
VDD = 20V, VGS = 10V,
RG = 6Ω, ID = 10A
Turn-On Rise Time
tR
—
3.7
—
Turn-Off Delay Time
tD(OFF)
—
17.1
—
Turn-Off Fall Time
tF
—
6.4
—
Reverse Recovery Time
tRR
—
19.8
—
ns
IF = 10A, di/dt = 100A/μs
Reverse Recovery Charge
QRR
—
8.8
—
nC
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper plate.
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to product testing.
DMT4008LFDF
Datasheet number: DS39333 Rev. 4 - 2
3 of 8
www.diodes.com
March 2020
© Diodes Incorporated



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com