Electronic Components Datasheet Search
  English  ▼

X  

DMT4008LFDF Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMT4008LFDF
Description  40V N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMT4008LFDF Datasheet(HTML) 1 Page - Diodes Incorporated

  DMT4008LFDF Datasheet HTML 1Page - Diodes Incorporated DMT4008LFDF Datasheet HTML 2Page - Diodes Incorporated DMT4008LFDF Datasheet HTML 3Page - Diodes Incorporated DMT4008LFDF Datasheet HTML 4Page - Diodes Incorporated DMT4008LFDF Datasheet HTML 5Page - Diodes Incorporated DMT4008LFDF Datasheet HTML 6Page - Diodes Incorporated DMT4008LFDF Datasheet HTML 7Page - Diodes Incorporated DMT4008LFDF Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DMT4008LFDF
40V N-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
BVDSS
RDS(ON) Max
ID Max
TA = +25°C
40V
9.5mΩ @ VGS = 10V
11.8A
15.5mΩ @ VGS = 4.5V
9.2A
Description
This MOSFET is designed to minimize the on-state resistance
(RDS(ON)) yet maintain superior switching performance, making it ideal
for high-efficiency power management applications.
Applications
•
Power Management Functions
•
DC-DC Converters
•
Backlighting
Features
•
Low RDS(ON) – Ensures on state losses are minimized
•
Excellent Qgd x RDS(ON) Product (FOM)
•
0.6mm Profile – Ideal for Low Profile Applications
•
PCB Footprint of 4mm2
•
Low Gate Threshold Voltage
•
Fast Switching Speed
•
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
•
Halogen and Antimony Free. “Green” Device (Note 3)
•
For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/200, PPAP
capable, and manufactured in IATF 16949 certified facilities),
please contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
Mechanical Data
•
Case: U-DFN2020-6 (Type F)
•
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Finish – NiPdAu over Copper Leadframe. Solderable
per MIL-STD-202, Method 208
•
Weight: 0.0065 grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Quantity per Reel
DMT4008LFDF-7
U-DFN2020-6 (Type F)
3000
DMT4008LFDF-13
U-DFN2020-6 (Type F)
10,000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Pin Out
Bottom View
Internal Schematic
U-DFN2020-6 (Type F)
Bottom View
Top View
D
S
G
e4
DMT4008LFDF
Datasheet number: DS39333 Rev. 4 - 2
1 of 8
www.diodes.com
March 2020
© Diodes Incorporated


Similar Part No. - DMT4008LFDF

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMT4008LFV DIODES-DMT4008LFV Datasheet
572Kb / 7P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
June 2018 Rev. 3 - 2
DMT4008LFV-13 DIODES-DMT4008LFV-13 Datasheet
572Kb / 7P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
June 2018 Rev. 3 - 2
DMT4008LFV-7 DIODES-DMT4008LFV-7 Datasheet
572Kb / 7P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
June 2018 Rev. 3 - 2
More results

Similar Description - DMT4008LFDF

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN4036LK3 DIODES-DMN4036LK3 Datasheet
672Kb / 8P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN4036LK3 DIODES-DMN4036LK3_10 Datasheet
651Kb / 8P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
DS32122 Rev. 2 - 2
ZXMN4A06G DIODES-ZXMN4A06G Datasheet
174Kb / 7P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
MAY 2002
ZXMN4A06K DIODES-ZXMN4A06K Datasheet
570Kb / 8P
40V N-channel enhancement mode MOSFET
MARCH 2006
ZXMN4A06G DIODES-ZXMN4A06G_15 Datasheet
676Kb / 7P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
ZXMN4A06GQ DIODES-ZXMN4A06GQ Datasheet
382Kb / 6P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMT4002LPS DIODES-DMT4002LPS Datasheet
405Kb / 7P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
logo
DONGGUAN YOU FENG WEI E...
YFW25N04S YFWDIODE-YFW25N04S Datasheet
1Mb / 5P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW80N04AD-L YFWDIODE-YFW80N04AD-L Datasheet
1Mb / 5P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW80N04AD YFWDIODE-YFW80N04AD Datasheet
1Mb / 5P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com