Electronic Components Datasheet Search
  English  ▼

X  

IDT7035S/L Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT7035S/L
Description  HIGH-SPEED 8K x 18 DUAL-PORT STATIC RAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7035S/L Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button IDT7035S/L Datasheet HTML 2Page - Integrated Device Technology IDT7035S/L Datasheet HTML 3Page - Integrated Device Technology IDT7035S/L Datasheet HTML 4Page - Integrated Device Technology IDT7035S/L Datasheet HTML 5Page - Integrated Device Technology IDT7035S/L Datasheet HTML 6Page - Integrated Device Technology IDT7035S/L Datasheet HTML 7Page - Integrated Device Technology IDT7035S/L Datasheet HTML 8Page - Integrated Device Technology IDT7035S/L Datasheet HTML 9Page - Integrated Device Technology IDT7035S/L Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6.42
IDT7035S/L
High-Speed 8K x 18 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
6
AC Test Conditions
Figure 2. Output Test Load
( for tLZ, tHZ, tWZ, tOW)
* including scope and jig.
Data Retention Waveform
Data retention Characteristics Over All Temperature Ranges
(L Version Only) (VLC = 0.2V, VHC = VCC - 0.2V)(4)
NOTES:
1. TA = +25°C, VCC = 2V, not production tested.
2. tRC = Read Cycle Time
3. This parameter is guaranteed by characterization, but is not production tested.
4. At Vcc < 2.0V input leakages are undefined.
Figure 1. AC Output Test Load
DATA RETENTION MODE
VCC
CE
4088 drw 03
4.5V
tCDR
tR
VIH
VDR
VIH
4.5V
VDR
2V
≥
4088 drw 04
893
Ω
30pF
347
Ω
5V
DATAOUT
BUSY
INT
893
Ω
5pF*
347
Ω
5V
DATAOUT
Input Pulse Levels
Input Rise/Fall Times
Input Timing Reference Levels
Output Reference Levels
Output Load
GND to 3.0V
5ns Max.
1.5V
1.5V
Figures 1 and 2
4088 tbl 11
Symbol
Parameter
Test Condition
Min.
Typ.(1)
Max.
Unit
VDR
VCC for Data Retention
VCC = 2V
2.0
___
___
V
ICCDR
Data Retention Current
CE
> VHC
VIN > VHC or < VLC
IND.
___
100
4000
µA
COM'L.
___
100
1500
tCDR(3)
Chip Deselect to Data Retention Time
SEM
> VHC
0
___
___
ns
tR(3)
Operation Recovery Time
tRC(2)
___
___
ns
4088 tbl 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com