Electronic Components Datasheet Search
  English  ▼

X  

IDT7035S/L Datasheet(PDF) 13 Page - Integrated Device Technology

Part # IDT7035S/L
Description  HIGH-SPEED 8K x 18 DUAL-PORT STATIC RAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7035S/L Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button IDT7035S/L Datasheet HTML 9Page - Integrated Device Technology IDT7035S/L Datasheet HTML 10Page - Integrated Device Technology IDT7035S/L Datasheet HTML 11Page - Integrated Device Technology IDT7035S/L Datasheet HTML 12Page - Integrated Device Technology IDT7035S/L Datasheet HTML 13Page - Integrated Device Technology IDT7035S/L Datasheet HTML 14Page - Integrated Device Technology IDT7035S/L Datasheet HTML 15Page - Integrated Device Technology IDT7035S/L Datasheet HTML 16Page - Integrated Device Technology IDT7035S/L Datasheet HTML 17Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
6.42
IDT7035S/L
High-Speed 8K x 18 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
13
AC Electrical Characteristics Over the
Operating Temperature and Supply VoltageRange(1,2)
Waveform of BUSY Arbitration Controlled by CE Timing(1) (M/S = VIH)
NOTES:
1. 'X' in part numbers indicates power rating (S or L).
2. Industrial temperature: for specific speeds, packages and powers contact your sales office.
Waveform of BUSY Arbitration Cycle Controlled by Address Match
Timing(1) (M/S = VIH)
NOTES:
1. All timing is the same for left and right ports. Port “A” may be either the left or right port. Port “B” is the port opposite from “A”.
2. If tAPS is not satisfied, the BUSY signal will be asserted on one side or another but there is no guarantee on which side BUSY will be asserted.
4088 drw 13
ADDR"A"
and "B"
ADDRESSES MATCH
CE"A"
CE"B"
BUSY"B"
tAPS
tBAC
tBDC
(2)
4088 drw 14
ADDR"A"
ADDRESS "N"
ADDR"B"
BUSY"B"
tAPS
tBAA
tBDA
(2)
MATCHING ADDRESS "N"
Symbol
Parameter
7035X15
Com'l Only
7035X20
Com'l Only
Unit
Min.
Max.
Min.
Max.
INTERRUPT TIMING
tAS
Address Set-up Time
0
____
0
____
ns
tWR
Write Recovery Time
0
____
0
____
ns
tINS
Interrupt Set Time
____
15
____
20
ns
tINR
Interrupt Reset Time
____
15
____
20
ns
4088 tbl 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com