Electronic Components Datasheet Search
  English  ▼

X  

BFR30 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BFR30
Description  N-channel field-effect transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFR30 Datasheet(HTML) 5 Page - NXP Semiconductors

  BFR30 Datasheet HTML 1Page - NXP Semiconductors BFR30 Datasheet HTML 2Page - NXP Semiconductors BFR30 Datasheet HTML 3Page - NXP Semiconductors BFR30 Datasheet HTML 4Page - NXP Semiconductors BFR30 Datasheet HTML 5Page - NXP Semiconductors BFR30 Datasheet HTML 6Page - NXP Semiconductors BFR30 Datasheet HTML 7Page - NXP Semiconductors BFR30 Datasheet HTML 8Page - NXP Semiconductors BFR30 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
1997 Dec 05
5
Philips Semiconductors
Product specification
N-channel field-effect transistors
BFR30; BFR31
Fig.3 Input characteristics.
BFR30.
VDS = 10 V; Tj =25 °C.
handbook, halfpage
−4
10
8
2
6
4
0
−3
−20
max
typ
min
VGS (V)
ID
(mA)
−1
MDA657
Fig.4 Output characteristics; typical values.
BFR30.
Tj =25 °C.
handbook, halfpage
010
10
0
2
4
6
8
24
6
8
MDA658
VDS (V)
ID
(mA)
VGS = 0 V
−0.5
−1.0
−1.5
−2.0
Fig.5 Input characteristics.
BFR31.
VDS = 10 V; Tj =25 °C.
handbook, halfpage
−50
5
0
1
2
3
4
−4
−3
−2
−1
MDA659
max
typ
min
VGS (V)
ID
(mA)
Fig.6 Output characteristics; typical values.
BFR31.
Tj =25 °C.
handbook, halfpage
010
5
0
1
2
3
4
24
6
8
MDA660
VDS (V)
ID
(mA)
VGS = 0 V
−0.2
−0.4
−0.6
−0.8
−1
−1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com