Electronic Components Datasheet Search
  English  ▼

X  

BFR30 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BFR30
Description  N-channel field-effect transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFR30 Datasheet(HTML) 2 Page - NXP Semiconductors

  BFR30 Datasheet HTML 1Page - NXP Semiconductors BFR30 Datasheet HTML 2Page - NXP Semiconductors BFR30 Datasheet HTML 3Page - NXP Semiconductors BFR30 Datasheet HTML 4Page - NXP Semiconductors BFR30 Datasheet HTML 5Page - NXP Semiconductors BFR30 Datasheet HTML 6Page - NXP Semiconductors BFR30 Datasheet HTML 7Page - NXP Semiconductors BFR30 Datasheet HTML 8Page - NXP Semiconductors BFR30 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1997 Dec 05
2
Philips Semiconductors
Product specification
N-channel field-effect transistors
BFR30; BFR31
DESCRIPTION
Planar epitaxial symmetrical junction N-channel
field-effect transistor in a plastic SOT23 package.
APPLICATIONS
• Low level general purpose amplifiers in thick and
thin-film circuits.
PINNING - SOT23
Note
1. Drain and source are interchangeable.
PIN
SYMBOL
DESCRIPTION
1
d
drain(1)
2
s
source(1)
3
g
gate
CAUTION
This product is supplied in anti-static packing to prevent
damage caused by electrostatic discharge during
transport and handling. For further information, refer to
Philips specs.: SNW-EQ-608, SNW-FQ-302A and
SNW-FQ-302B.
Fig.1 Simplified outline and symbol.
Marking codes:
BFR30: M1p.
BFR31: M2p.
handbook, halfpage
12
g
d
s
3
Top view
MAM385
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDS
drain-source voltage
−±25
V
VGSO
gate-source voltage
open drain
−−25
V
Ptot
total power dissipation
Tamb ≤ 40 °C
−
250
mW
IDSS
drain current
VGS = 0; VDS =10V
BFR30
4
10
mA
BFR31
1
5
mA
y
fs
common-source transfer admittance
ID = 1 mA; VDS = 10 V; f = 1 kHz
BFR30
1
4
mS
BFR31
1.5
4.5
mS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com