Electronic Components Datasheet Search
  English  ▼

X  

BFR30 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BFR30
Description  N-channel field-effect transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFR30 Datasheet(HTML) 4 Page - NXP Semiconductors

  BFR30 Datasheet HTML 1Page - NXP Semiconductors BFR30 Datasheet HTML 2Page - NXP Semiconductors BFR30 Datasheet HTML 3Page - NXP Semiconductors BFR30 Datasheet HTML 4Page - NXP Semiconductors BFR30 Datasheet HTML 5Page - NXP Semiconductors BFR30 Datasheet HTML 6Page - NXP Semiconductors BFR30 Datasheet HTML 7Page - NXP Semiconductors BFR30 Datasheet HTML 8Page - NXP Semiconductors BFR30 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
1997 Dec 05
4
Philips Semiconductors
Product specification
N-channel field-effect transistors
BFR30; BFR31
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
IGSS
gate cut-off current
VDS = 0; VGS = −10 V
−−0.2
nA
IDSS
drain current
VGS = 0; VDS =10V
BFR30
4
10
mA
BFR31
1
5
mA
VGS
gate-source voltage
ID = 1 mA; VDS =10V
BFR30
−0.7
−3V
BFR31
0
−1.3
V
VGS
gate-source voltage
ID =50 µA; VDS =10V
BFR30
−−4V
BFR31
−−2V
VGSoff
gate-source cut-off voltage
ID = 0.5 nA; VDS =10V
BFR30
−−5V
BFR31
−−2.5
V
y
fs
common-source transfer admittance
ID = 1 mA; VDS = 10 V; f = 1 kHz;
Tamb =25 °C
BFR30
1
4
mS
BFR31
1.5
4.5
mS
y
fs
common-source transfer admittance
ID = 200 µA; VDS = 10 V; f = 1 kHz;
Tamb =25 °C
BFR30
0.5
−
mS
BFR31
0.75
−
mS
y
os
common source output admittance
ID = 1 mA; VDS = 10 V; f = 1 kHz
BFR30
−
40
µS
BFR31
−
25
µS
y
os
common source output admittance
ID = 200 µA; VDS = 10 V; f = 1 kHz
BFR30
−
20
µS
BFR31
−
15
µS
Cis
input capacitance
VDS =10V; f=1MHz
ID =1mA
−
4pF
ID = 0.2 nA
−
4pF
Crs
feedback capacitance
VDS = 10 V; f = 1 MHz; Tamb =25 °C
ID =1mA
−
1.5
pF
ID = 200 µA
−
1.5
pF
Vn
equivalent input noise voltage
ID = 200 µA; VDS =10V;
B = 0.6 to 100 Hz
−
0.5
µV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com