Electronic Components Datasheet Search
  English  ▼

X  

ATS16951PSM Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # ATS16951PSM
Description  GMR Speed and Direction Crankshaft Sensor with Three-Wire, Pulse-Width Output
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS16951PSM Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button ATS16951PSM Datasheet HTML 3Page - Allegro MicroSystems ATS16951PSM Datasheet HTML 4Page - Allegro MicroSystems ATS16951PSM Datasheet HTML 5Page - Allegro MicroSystems ATS16951PSM Datasheet HTML 6Page - Allegro MicroSystems ATS16951PSM Datasheet HTML 7Page - Allegro MicroSystems ATS16951PSM Datasheet HTML 8Page - Allegro MicroSystems ATS16951PSM Datasheet HTML 9Page - Allegro MicroSystems ATS16951PSM Datasheet HTML 10Page - Allegro MicroSystems ATS16951PSM Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
GMR Speed and Direction Crankshaft Sensor
with Three-Wire, Pulse-Width Output
ATS16951PSM
7
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
Figure 5: Definition of TTARGET
Figure 6: Establishment of Thresholds
Figure 7: Differential Signature Amplification
and Sequential Signal Variation
Detected
Channel
Switching
On
On
ff
O
ff
O
0
100
0
100
B
Switchpoints
ST
BST
VPROCST
+VPROC(hys)
–VPROC(hys)
Sequential Region
Signature
Region
BSEQ(min)
BSEQ(max)
BSEQ(sig)
BSEQ(n)
BSEQ(n+1)
Sequential Region
Ferromagnetic Target
Tooth
Valley
VPROC
TVPROC
TTARGET
VPROC = the processed analog signal of the sinusoidal magnetic input (per channel)
TTARGET = period between successive sensed target magnetic edges of the
same polarity (for a ferromagnetic target, both rising or
both falling mechanical edges )
Ferromagnetic
Target
Tooth
Valley
Figure 4: Definition of Output Fall Time and Delay Time
td
tr
Time
Time
Magnetic Signal
Switchpoint
VOUT (high)
90% VOUT
10% VOUT
VOUT (low)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com