Electronic Components Datasheet Search
  English  ▼

X  

ATS16951PSM Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # ATS16951PSM
Description  GMR Speed and Direction Crankshaft Sensor with Three-Wire, Pulse-Width Output
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS16951PSM Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button ATS16951PSM Datasheet HTML 5Page - Allegro MicroSystems ATS16951PSM Datasheet HTML 6Page - Allegro MicroSystems ATS16951PSM Datasheet HTML 7Page - Allegro MicroSystems ATS16951PSM Datasheet HTML 8Page - Allegro MicroSystems ATS16951PSM Datasheet HTML 9Page - Allegro MicroSystems ATS16951PSM Datasheet HTML 10Page - Allegro MicroSystems ATS16951PSM Datasheet HTML 11Page - Allegro MicroSystems ATS16951PSM Datasheet HTML 12Page - Allegro MicroSystems ATS16951PSM Datasheet HTML 13Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
GMR Speed and Direction Crankshaft Sensor
with Three-Wire, Pulse-Width Output
ATS16951PSM
9
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
FUNCTIONAL DESCRIPTION
Sensing Technology
The ATS16951PSM contains two GMR bridge elements that
provide an electrical output signal containing information regard-
ing target edge position and—if Pulse Width Protocol optioned—
direction of rotation.
Target Profiling
After proper power is applied to the ATS16951PSM, digital infor-
mation—representative of the mechanical features of a rotating
target—will be available at the OUT pin. The waveform diagram
in Figure 8 shows the translation of the induced magnetic profile
to a digital speed and direction signal. The two digital signals are
used to determine the location of the switching feature as well as
the direction of rotation.
Figure 8: Magnetic Profile
If the device is set on option M1 (switch in the middle of the
target feature), the output pulse is based on the 50% of the speed
channel.
If the device is set on option M2 (switch on the mechanical edge
of the target), the output pulse is based on the 50% of the Dir
channel.
Switch Points
The ATS16951PSM switch points are established dynamically as a
percentage of the internal VPROC signal amplitude (see Figure 5) to
minimize the signal shift effect. This is accomplished by inde-
pendently tracking the speed and direction peaks of each VPROC
channel, where the switching thresholds are established at fixed
percentages of the two tracking signals.
Output switching threshold percentage on the speed channel is
programmable to ensure the most accurate and consistent output
switching. Additionally, the dynamic switch point thresholds
allow the ATS16951PSM to properly detect direction of rota-
tion when used with targets containing signature regions. A 50%
threshold is recommended for standard crank targets, while the
other programmable options allow for functionality on targets
with different mechanical geometries.
Sensor Output Protocol
If Pulse Width Protocol optioned, the ATS16951PSM compares
the relative amplitude values of the two GMR bridges to deter-
mine which direction the target is rotating. The direction of rota-
tion is then communicated through the output pulse width. While
in calibration mode, direction information is not available. As a
result of this, forward output pulses (tW(FWD)) are always given,
independent of the true target rotation direction.
If speed only is programmed (Option O), no direction infor-
mation is available. Only forward output pulses (tW(FWD)) are
produced.
NOTE: For proper functionality, the output must be programmed
such that the signature region is a non-switching feature (see
Application Information section).
Forward Pulse Rotation Direction
The ATS16951PSM can be programmed such that the output will
provide forward pulses (tW(FWD)) when the target rotation is from
pin 1 to pin 3 (Option F) or from pin 3 to pin 1 (Option R). This
is illustrated in Figure 9 with the arrow on the target indicating
direction of rotation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com