Electronic Components Datasheet Search
  English  ▼

X  

ATS16951PSM Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # ATS16951PSM
Description  GMR Speed and Direction Crankshaft Sensor with Three-Wire, Pulse-Width Output
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS16951PSM Datasheet(HTML) 1 Page - Allegro MicroSystems

  ATS16951PSM Datasheet HTML 1Page - Allegro MicroSystems ATS16951PSM Datasheet HTML 2Page - Allegro MicroSystems ATS16951PSM Datasheet HTML 3Page - Allegro MicroSystems ATS16951PSM Datasheet HTML 4Page - Allegro MicroSystems ATS16951PSM Datasheet HTML 5Page - Allegro MicroSystems ATS16951PSM Datasheet HTML 6Page - Allegro MicroSystems ATS16951PSM Datasheet HTML 7Page - Allegro MicroSystems ATS16951PSM Datasheet HTML 8Page - Allegro MicroSystems ATS16951PSM Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
DESCRIPTION
The ATS16951PSM is an optimized giant magnetoresistance
(GMR) integrated circuit (IC) and permanent magnet pellet
combined with integrated EMC protection components to
provide a user-friendly solution for digital gear tooth sensing.
The small package can be easily assembled and used in
conjunction with a wide variety of gear tooth targets and is
intended for automotive crankshaft applications.
The device incorporates multiple GMR elements into a single
IC that switches in response to differential magnetic signals
created by a ferromagnetic target. The IC contains a sophisticated
compensation circuit designed to eliminate detrimental effects
of magnet and system offsets. Digital processing of the analog
signal provides high performance independent of air gap
and allows for dynamic adaptation of device performance to
address the typical operating conditions found in automotive
applications. Threshold hysteresis reduces the negative effects of
any anomalies in the magnetic signal associated with system or
target anomalies typically seen in many automotive applications.
The ATS16951PSM is being developed in accordance with
ISO 26262 as a safety element out of context targeting ASIL B
capability (pending assessment) for use in automotive safety-
related systems when integrated and used in the manner
prescribed in the applicable safety manual and datasheet.
The ATS16951PSM is available in a 3-pin package (SM) that
is lead (Pb) free, with NiPdAu plating.
ATS16951PSM-DS, Rev. 1
MCO-0001173
FEATURES AND BENEFITS
• GMR technology integrates high sensitivity MR
(magnetoresistive) sensor elements and high precision
BiCMOS circuits on a single silicon integrated circuit,
offering high accuracy, low magnetic field operation
• Allegro SM package with integrated EMC components
reduces need for external EMI protection
• ASIL B safety design process with integrated diagnostics
(pending assessment)
• Integrated back-biasing magnetic circuit
• Digital speed and direction output provides ferromagnetic
target position information
• Enhanced algorithm for low jitter, high output accuracy
performance, and vibration tolerance
• Center of package switching alignment option
• Programmable pulse location between center of target
feature or edge of target feature
• EEPROM programmable performance optimizations and
production traceability
• Target Profile Diagnostics™
GMR Speed and Direction Crankshaft Sensor
with Three-Wire, Pulse-Width Output
Figure 1: Functional Block Diagram
ATS16951PSM
Not to scale
PACKAGE:
VCC
GND
OUT
Output
Output
Controller
Synchronous Digital Controller
Diagnostics
EEPROM
Oscillator
Temperature
Sensor
EMC
Regulator
(Analog)
Regulator
(Digital)
GMR Yokes
ADC
ADC
Amp
Amp
December 17, 2021
3-pin SIP (suffix SM)


Similar Part No. - ATS16951PSM

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
ATS169 CTS-ATS169 Datasheet
212Kb / 5P
Leaded or Surface Mount Quartz Crystal
ATS169 CTS-ATS169 Datasheet
182Kb / 6P
ATS/ATS-SM Series Quartz Crystal
ATS169 CTS-ATS169 Datasheet
182Kb / 6P
ATS ATS-SM Series
ATS169 CTS-ATS169 Datasheet
181Kb / 6P
Standard HC-49/US thru-hole and HC-49/US-SM surface mount Packages
ATS169 CTS-ATS169 Datasheet
182Kb / 6P
Standard HC-49/US [thru-hole] and HC-49/US-SM surface mount Packages
More results

Similar Description - ATS16951PSM

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ATS693LSG ALLEGRO-ATS693LSG Datasheet
1Mb / 15P
Three-wire, pulse width output protocol
A1699 ALLEGRO-A1699 Datasheet
1Mb / 18P
Two-Wire, Differential, Vibration-Resistant Sensor IC with Speed and Direction Output
A19350 ALLEGRO-A19350 Datasheet
1Mb / 14P
High Accuracy GMR Wheel Speed and Direction Sensor IC
A19570 ALLEGRO-A19570 Datasheet
1Mb / 16P
Large Air Gap, Vibration-Immune, GMR Transmission Speed and Direction Sensor IC
ATS699LSN ALLEGRO-ATS699LSN Datasheet
861Kb / 15P
Two-Wire, Differential, Vibration-Resistant Sensor IC with Speed and Direction Output
A1696PUC ALLEGRO-A1696PUC Datasheet
1Mb / 17P
Position Sensor IC with Speed and Direction Output
A19571 ALLEGRO-A19571 Datasheet
2Mb / 17P
GMR Transmission Speed and Direction Sensor IC
ATS696PSM ALLEGRO-ATS696PSM Datasheet
714Kb / 17P
Position Sensor IC with Speed and Direction Output
October 26, 2018
A19351 ALLEGRO-A19351 Datasheet
2Mb / 16P
High-Performance GMR AK Protocol Wheel Speed and Direction Sensor IC
Rev. 1 December 21, 2022
A19302 ALLEGRO-A19302 Datasheet
1Mb / 17P
High-Accuracy, Pulse-Width or AK Protocol Hall-Effect Wheel Speed and Direction Sensor IC
Rev. 5 December 9, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com