Electronic Components Datasheet Search
  English  ▼

X  

ICS507-01 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ICS507-01
Description  PECL CLOCK SYNTHESIZER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS507-01 Datasheet(HTML) 4 Page - Renesas Technology Corp

  ICS507-01 Datasheet HTML 1Page - Renesas Technology Corp ICS507-01 Datasheet HTML 2Page - Renesas Technology Corp ICS507-01 Datasheet HTML 3Page - Renesas Technology Corp ICS507-01 Datasheet HTML 4Page - Renesas Technology Corp ICS507-01 Datasheet HTML 5Page - Renesas Technology Corp ICS507-01 Datasheet HTML 6Page - Renesas Technology Corp ICS507-01 Datasheet HTML 7Page - Renesas Technology Corp ICS507-01 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ICS507-01
PECL CLOCK SYNTHESIZER
PECL MULTIPLIER
IDT™ / ICS™ PECL CLOCK SYNTHESIZER
4
ICS507-01
REV I 041905
Recommended Operation Conditions
DC Electrical Characteristics
VDD=5 V, unless stated otherwise
Notes:
1. All typical values are at 5.0 V and 25°C unless otherwise noted.
2. VOH and VOL can be set by the external resistor values on the PECL outputs.
3. IDD includes the current through the external resistors, which can be modified.
4. The phase relationship between input and output can change at power up. For a fixed phase
relationship, see one of the ICS zero delay buffers.
5. Except S1=0, S0=0 setting (This setting specific to 16 MHz in, 155.52 MHz out).
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature (commercial)
0
–
+70
° C
Ambient Operating Temperature (industrial)
-40
–
+85
° C
Power Supply Voltage (measured in respect to GND)
+3.15
+3.45
V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
3.0
5.5
V
Input High Voltage
VIH
ICLK only
VDD/2+1
VDD/2
V
Input Low Voltage
VIL
ICLK only
VDD/2
VDD/2-1
V
Input High Voltage
VIH
S0, S1
VDD-0.5
V
Input Low Voltage
VIL
S0, S1
0.5
V
Output High Voltage
VOH
Note 2
VDD-1.2
V
Output Low Voltage
VOL
Note 2
VDD-2.0
V
Operating Supply Current
IDD
No load, 155.52
MHz, Note 3
63
mA
Internal Crystal Capacitance,
X1 and X2
Pins 1, 8
26
pF
Input Capacitance
S0, S1
5
pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com