Electronic Components Datasheet Search
  English  ▼

X  

ICS507-01 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS507-01
Description  PECL CLOCK SYNTHESIZER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS507-01 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS507-01 Datasheet HTML 1Page - Renesas Technology Corp ICS507-01 Datasheet HTML 2Page - Renesas Technology Corp ICS507-01 Datasheet HTML 3Page - Renesas Technology Corp ICS507-01 Datasheet HTML 4Page - Renesas Technology Corp ICS507-01 Datasheet HTML 5Page - Renesas Technology Corp ICS507-01 Datasheet HTML 6Page - Renesas Technology Corp ICS507-01 Datasheet HTML 7Page - Renesas Technology Corp ICS507-01 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ICS507-01
PECL CLOCK SYNTHESIZER
PECL MULTIPLIER
IDT™ / ICS™ PECL CLOCK SYNTHESIZER
2
ICS507-01
REV I 041905
Pin Assignment
* At 3.3V, use this selection to get 155.52 MHz from a
16 MHz input.
For lowest phase noise generation of 155.52 MHz, use
a 19.44 MHz crystal and the 8X selection.
Clock Multiplier Select Table
0 = connect pin directly to ground
1 = connect pin directly to VDD
M = leave unconnected (floating)
Pin Descriptions
12
1
11
2
10
3
9
X1/ICLK
4
VDD
5
VDD
6
NC
7
S1
8
GND
S0
OE
NC
GND
NC
PECL
NC
RES
16
15
14
13
PECL
X2
16 Pin (150 mil) SOIC
S1
S0
Multiplier
0
0
9.72X*
0M
10X
01
12X
M
0
6.25X
MM
8X
M1
5X
10
2X
1M
3X
11
4X
Number
Name
Type
Description
1
XI/ICLK
Input
Crystal Connection. Connect to a fundamental parallel mode crystal, or
clock.
2
VDD
Power
Connect to +3.3 V or 5 V, and to VDD on pin 3.
3
VDD
Power
Connect to VDD on pin 2. Decouple with pin 5.
4
S1
Input
Multiplier select pin 1. Determines output frequency per table above.
5
GND
Power
Connect to ground.
6
GND
Power
Connect to ground.
7
NC
—
No connect. Do not connect this pin to anything.
8
PECL
Output
PECL output. Connect to resistor load as shown on page 1.
9
PECL
Output
Complimentary PECL output. Connect to resistor load as shown on
page 1.
10
RES
Input
Bias resistor input. Connect a resistor between this pin and VDD.
11
NC
—
No connect. Do not connect this pin to anything.
12
NC
—
No connect. Do not connect this pin to anything.
13
OE
Input
Output Enable. Tri-states both outputs when low. Internal pull-up.
14
S0
Input
Multiplier select pin 0. Determines output frequency per table above.
15
NC
—
No connect. Do not connect this pin to anything.
16
X2
Output
Crystal Connection. Connect to crystal, or leave unconnected for clock
input.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com