Electronic Components Datasheet Search
  English  ▼

X  

ICS507-01 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ICS507-01
Description  PECL CLOCK SYNTHESIZER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS507-01 Datasheet(HTML) 5 Page - Renesas Technology Corp

  ICS507-01 Datasheet HTML 1Page - Renesas Technology Corp ICS507-01 Datasheet HTML 2Page - Renesas Technology Corp ICS507-01 Datasheet HTML 3Page - Renesas Technology Corp ICS507-01 Datasheet HTML 4Page - Renesas Technology Corp ICS507-01 Datasheet HTML 5Page - Renesas Technology Corp ICS507-01 Datasheet HTML 6Page - Renesas Technology Corp ICS507-01 Datasheet HTML 7Page - Renesas Technology Corp ICS507-01 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ICS507-01
PECL CLOCK SYNTHESIZER
PECL MULTIPLIER
IDT™ / ICS™ PECL CLOCK SYNTHESIZER
5
ICS507-01
REV I 041905
AC Electrical Characteristics
VDD = 3.3 V, 5 V unless stated otherwise
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Crystal Frequency
5
27
MHz
Input Clock Frequency
5
52
MHz
Output Frequency,
ICS507-01
fout
VDD = 5 V
10
200
MHz
VDD = 3.3 V
10
156
MHz
Output Frequency,
ICS507-01I
fout
VDD = 3.3 V or 5 V
10
125
MHz
Output Clock Duty Cycle
tD
48
52
%
PLL Bandwidth
10
kHz
Absolute Clock Period
Jitter
Deviation from Mean
±75
ps
One Sigma Clock Period
Jitter
20
ps



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com