Electronic Components Datasheet Search
  English  ▼

X  

ICS601-02 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ICS601-02
Description  LOW PHASE NOISE CLOCK MULTIPLIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS601-02 Datasheet(HTML) 5 Page - Renesas Technology Corp

  ICS601-02 Datasheet HTML 1Page - Renesas Technology Corp ICS601-02 Datasheet HTML 2Page - Renesas Technology Corp ICS601-02 Datasheet HTML 3Page - Renesas Technology Corp ICS601-02 Datasheet HTML 4Page - Renesas Technology Corp ICS601-02 Datasheet HTML 5Page - Renesas Technology Corp ICS601-02 Datasheet HTML 6Page - Renesas Technology Corp ICS601-02 Datasheet HTML 7Page - Renesas Technology Corp ICS601-02 Datasheet HTML 8Page - Renesas Technology Corp ICS601-02 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ICS601-02
LOW PHASE NOISE CLOCK MULTIPLIER
SYNTHESIZERS
IDT™ LOW PHASE NOISE CLOCK MULTIPLIER
5
ICS601-02
REV G 051310
AC Electrical Characteristics
Unless stated otherwise, VDD = VDDP = 3.3 V, Ambient Temperature -40 to +85
° C
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency
fIN
10
27
MHz
Output Frequency
fOUT
At 3.3 V or 5 V
170
MHz
Output Clock Rise Time
0.8 to 2.0 V, no load
1.5
ns
Output Clock Fall Time
0.8 to 2.0 V, no load
1.5
ns
Output Clock Duty Cycle
At VDD/2
45
50
55
%
Maximum Absolute Jitter, short
term, 125 MHz
No load
±50
±75
ps
Maximum Jitter, one sigma, 125
MHz (x5)
No load
18
25
ps
Phase Noise, relative to carrier,
125 MHz (x5)
100 Hz offset
-108
dBc/Hz
Phase Noise, relative to carrier,
125 MHz (x5)
1 kHz offset
-123
dBc/Hz
Phase Noise, relative to carrier,
125 MHz (x5)
10 kHz offset
-132
dBc/Hz
Phase Noise, relative to carrier,
125 MHz (x5)
100 kHz offset
-125
dBc/Hz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com