Electronic Components Datasheet Search
  English  ▼

X  

ICS601-02 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS601-02
Description  LOW PHASE NOISE CLOCK MULTIPLIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS601-02 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS601-02 Datasheet HTML 1Page - Renesas Technology Corp ICS601-02 Datasheet HTML 2Page - Renesas Technology Corp ICS601-02 Datasheet HTML 3Page - Renesas Technology Corp ICS601-02 Datasheet HTML 4Page - Renesas Technology Corp ICS601-02 Datasheet HTML 5Page - Renesas Technology Corp ICS601-02 Datasheet HTML 6Page - Renesas Technology Corp ICS601-02 Datasheet HTML 7Page - Renesas Technology Corp ICS601-02 Datasheet HTML 8Page - Renesas Technology Corp ICS601-02 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DATASHEET
LOW PHASE NOISE CLOCK MULTIPLIER
ICS601-02
IDT™ LOW PHASE NOISE CLOCK MULTIPLIER
1
ICS601-02
REV G 051310
Description
The ICS601-02 is a low cost, low phase noise, high
performance clock synthesizer for any application that
requires low phase noise and low jitter. The ICS601 is IDT’s
lowest phase noise multiplier. Using IDT’s patented analog
and digital Phase Locked Loop (PLL) techniques, the chip
accepts a 10–27 MHz crystal or clock input, and produces
output clocks up to 170 MHz at 3.3 V. A separate supply pin
is provided so that the output can be 2.5 V.
This product is intended for clock generation. It has low
output jitter (variation in the output period), but input to
output skew and jitter are not defined nor guaranteed. For
applications which require defined input to output timing,
use the ICS670-01.
Features
• Packaged in 16-pin SOIC (Pb free)
• Uses fundamental 10 - 27 MHz crystal or clock
• Patented PLL with the lowest phase noise
• Output clocks up to 170 MHz at 3.3 V
• Output Enable function tri-states outptus
• Low phase noise: -132 dBc/Hz at 10 kHz
• Low jitter - 18 ps one sigma
• Full swing CMOS outputs with 25 mA drive capability at
TTL levels
• Advanced, low power, sub-micron CMOS process
• Industrial temperature range (-40 to +85°C)
• 3.3 V or 5 V core VDD. Output clock can operate down to
2.5 V
Block Diagram
ROM Based
Multipliers
VCO
Divide
X1/ICLK
X2
Crystal or
clock input
Optional crystal
capacitors needed
for accurate tuning
(not shown)
Crystal
Oscillator
Reference
Divider
Phase
Comparator
Charge
Pump
Loop
Filter
VCO
S3:0
GND
4
VDD
CLK
OE
VDDP


Similar Part No. - ICS601-02

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS601-02 ICST-ICS601-02 Datasheet
80Kb / 5P
Low Phase Noise Clock Multiplier
logo
Integrated Device Techn...
ICS601-02 IDT-ICS601-02 Datasheet
196Kb / 8P
LOW PHASE NOISE CLOCK MULTIPLIER
More results

Similar Description - ICS601-02

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS601-01 ICST-ICS601-01 Datasheet
88Kb / 5P
Low Phase Noise Clock Multiplier
Revision 090800
ICS60101 ICST-ICS60101 Datasheet
176Kb / 8P
LOW PHASE NOISE CLOCK MULTIPLIER
Revision 111204
ICS601-02 ICST-ICS601-02 Datasheet
80Kb / 5P
Low Phase Noise Clock Multiplier
ICS601-21 ICST-ICS601-21 Datasheet
139Kb / 6P
LOW PHASE NOISE CLOCK MULTIPLIER
ICS613 ICST-ICS613 Datasheet
136Kb / 6P
LOW PHASE NOISE CLOCK MULTIPLIER
Revision 111204
logo
Integrated Device Techn...
ICS601-01 IDT-ICS601-01 Datasheet
230Kb / 9P
LOW PHASE NOISE CLOCK MULTIPLIER
ICS601-02 IDT-ICS601-02 Datasheet
196Kb / 8P
LOW PHASE NOISE CLOCK MULTIPLIER
logo
Abracon Corporation
ABX0101 ABRACON-ABX0101 Datasheet
57Kb / 5P
Low Phase Noise PLL Clock Multiplier
logo
Renesas Technology Corp
ICS601-01 RENESAS-ICS601-01 Datasheet
415Kb / 10P
LOW PHASE NOISE CLOCK MULTIPLIER
051310
ICS601-21 RENESAS-ICS601-21 Datasheet
273Kb / 9P
LOW PHASE NOISE CLOCK MULTIPLIER
121412
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com