Electronic Components Datasheet Search
  English  ▼

X  

ICS650-11 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICS650-11
Description  NETWORKING CLOCK SYNTHESIZER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS650-11 Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICS650-11 Datasheet HTML 1Page - Renesas Technology Corp ICS650-11 Datasheet HTML 2Page - Renesas Technology Corp ICS650-11 Datasheet HTML 3Page - Renesas Technology Corp ICS650-11 Datasheet HTML 4Page - Renesas Technology Corp ICS650-11 Datasheet HTML 5Page - Renesas Technology Corp ICS650-11 Datasheet HTML 6Page - Renesas Technology Corp ICS650-11 Datasheet HTML 7Page - Renesas Technology Corp ICS650-11 Datasheet HTML 8Page - Renesas Technology Corp ICS650-11 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ICS650-11
NETWORKING CLOCK SYNTHESIZER
SYNTHESIZERS
IDT® NETWORKING CLOCK SYNTHESIZER
3
ICS650-11
REV D 012313
External Components
The ICS650-11 requires a minimum number of external
components for proper operation. Decoupling capacitors of
0.01ìF should be connected between each VDD and GND
on Pins 4 and 6, and Pins 16 and 14, as close to the
ICS650-11 as possible. A series termination resistor of 33
may be used for each clock output. The 25.00 MHz crystal
must be connected as close to the chip as possible. The
crystal should be a fundamental mode (do not use third
overtone), parallel resonant. Crystal capacitors should be
connected from pins X1 to ground and X2 to ground to
optimize the initial accuracy. The value of these capacitors
is given by the following equation, where CL is the crystal
load capacitance: Crystal caps (pF) = (CL-6) x 2. So for a
crystal with 16 pF load capacitance, two 20 pF caps should
be used.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com