Electronic Components Datasheet Search
  English  ▼

X  

ICS650-11 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS650-11
Description  NETWORKING CLOCK SYNTHESIZER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS650-11 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS650-11 Datasheet HTML 1Page - Renesas Technology Corp ICS650-11 Datasheet HTML 2Page - Renesas Technology Corp ICS650-11 Datasheet HTML 3Page - Renesas Technology Corp ICS650-11 Datasheet HTML 4Page - Renesas Technology Corp ICS650-11 Datasheet HTML 5Page - Renesas Technology Corp ICS650-11 Datasheet HTML 6Page - Renesas Technology Corp ICS650-11 Datasheet HTML 7Page - Renesas Technology Corp ICS650-11 Datasheet HTML 8Page - Renesas Technology Corp ICS650-11 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DATASHEET
NETWORKING CLOCK SYNTHESIZER
ICS650-11
IDT® NETWORKING CLOCK SYNTHESIZER
1
ICS650-11
REV D 012313
Description
The ICS650-11 is a low cost, low jitter, high performance
clock synthesizer customized for BroadCom. Using analog
Phase-Locked Loop (PLL) techniques, the device accepts a
25.0MHz clock or fundamental mode crystal input to
produce multiple output clocks of 25.0MHz, 33.33MHz,
66.66MHz, 100.0MHz, and 133.33MHz. All output clocks
are frequency locked together. The ICS650-11 outputs all
have 0 ppm synthesis error.
Features
• Packaged in 20-pin narrow SSOP, Pb-free
• 25.00 MHz fundamental crystal or clock input
• Five fixed output clocks of 25.0 MHz, 33.33MHz,
66.66MHz, 100.0MHz, and 133.33MHz
• Zero ppm synthesis error in all clocks
• Ideal for BroadCom BCM5600/BCM5400 chipset
• Full CMOS output swing
• Advanced, low power, sub-micron CMOS process
• 3.0V to 5.5V operating voltage
• Industrial temperature range
Block Diagram


Similar Part No. - ICS650-11

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS650-11B ICST-ICS650-11B Datasheet
70Kb / 4P
BroadCom Networking Clock Synthesizer
Revision 012005
More results

Similar Description - ICS650-11

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS650-07C ICST-ICS650-07C Datasheet
73Kb / 5P
Networking Clock Source
Revision 101399
ICS448-16 ICST-ICS448-16 Datasheet
126Kb / 7P
Networking Clock Synthesizer
Revision 031605
ICS650-11B ICST-ICS650-11B Datasheet
70Kb / 4P
BroadCom Networking Clock Synthesizer
Revision 012005
ICS650-27 ICST-ICS650-27 Datasheet
156Kb / 6P
Networking Clock Source
Revision 070505
ICS680-01 ICST-ICS680-01 Datasheet
154Kb / 8P
Networking Clock Synthesizer and Zero Delay Buffer
logo
Pericom Semiconductor C...
PI6C49003 PERICOM-PI6C49003 Datasheet
289Kb / 12P
Networking Clock Generator
PI6C49004 PERICOM-PI6C49004 Datasheet
762Kb / 12P
Networking Clock Generator
PI6C49014 PERICOM-PI6C49014 Datasheet
1,016Kb / 12P
Networking Clock Generator
logo
Renesas Technology Corp
ICS650-14 RENESAS-ICS650-14 Datasheet
367Kb / 8P
NETWORKING SYSTEM CLOCK
REV H 051310
ICS680-01 RENESAS-ICS680-01 Datasheet
363Kb / 10P
NETWORKING CLOCK SYNTHESIZER AND ZERO DELAY BUFFER
REV H 051310
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com