Electronic Components Datasheet Search
  English  ▼

X  

ICS650-11 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ICS650-11
Description  NETWORKING CLOCK SYNTHESIZER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS650-11 Datasheet(HTML) 5 Page - Renesas Technology Corp

  ICS650-11 Datasheet HTML 1Page - Renesas Technology Corp ICS650-11 Datasheet HTML 2Page - Renesas Technology Corp ICS650-11 Datasheet HTML 3Page - Renesas Technology Corp ICS650-11 Datasheet HTML 4Page - Renesas Technology Corp ICS650-11 Datasheet HTML 5Page - Renesas Technology Corp ICS650-11 Datasheet HTML 6Page - Renesas Technology Corp ICS650-11 Datasheet HTML 7Page - Renesas Technology Corp ICS650-11 Datasheet HTML 8Page - Renesas Technology Corp ICS650-11 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ICS650-11
NETWORKING CLOCK SYNTHESIZER
SYNTHESIZERS
IDT® NETWORKING CLOCK SYNTHESIZER
5
ICS650-11
REV D 012313
Thermal Characteristics
Marking Diagram
Notes:
1. “LOT” denotes lot number.
2. “YYWW” denotes the date code.
3. “I” denotes industrial grade.
4. “LF” denotes RoHS compliant package.
5. Bottom marking: country of origin.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to
Ambient
JA
Still air
135
C/W
JA
1 m/s air flow
93
C/W
JA
3 m/s air flow
78
C/W
Thermal Resistance Junction to Case
JC
60
C/W
650R-11ILF
LOT
YYWW



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com