Electronic Components Datasheet Search
  English  ▼

X  

ICS662-03 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICS662-03
Description  HDTV AUDIO/VIDEO CLOCK SOURCE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS662-03 Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICS662-03 Datasheet HTML 1Page - Renesas Technology Corp ICS662-03 Datasheet HTML 2Page - Renesas Technology Corp ICS662-03 Datasheet HTML 3Page - Renesas Technology Corp ICS662-03 Datasheet HTML 4Page - Renesas Technology Corp ICS662-03 Datasheet HTML 5Page - Renesas Technology Corp ICS662-03 Datasheet HTML 6Page - Renesas Technology Corp ICS662-03 Datasheet HTML 7Page - Renesas Technology Corp ICS662-03 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ICS662-03
HDTV AUDIO/VIDEO CLOCK SOURCE
CLOCK SYNTHESIZER
IDT™ / ICS™ HDTV AUDIO/VIDEO CLOCK SOURCE
3
ICS662-03
REV G 051310
Application Information
Series Termination Resistor
Clock output traces should use series termination. To series
terminate a 50
Ωtrace (a commonly used trace impedance),
place a 33
Ωresistor in series with the clock line, as close to
the clock output pin as possible. The nominal impedance of
the clock output is 20
Ω.
Decoupling Capacitors
As with any high performance mixed-signal IC, the
ICS662-03 must be isolated from system power supply
noise to perform optimally.
Decoupling capacitors of 0.01µF must be connected
between VDD (pin 2) and the PCB ground plane (pin 3).
PCB Layout Recommendations
For optimum device performance and lowest output phase
noise, the following guidelines should be observed.
1) Each 0.01µF decoupling capacitor should be mounted on
the component side of the board as close to the VDD pin as
possible. No vias should be used between decoupling
capacitor and VDD pin. The PCB trace to VDD pin should
be kept as short as possible, as should the PCB trace to the
ground via. Distance of the ferrite bead and bulk decoupling
from the device is less critical.
2) To minimize EMI and obtain the best signal integrity, the
33
Ω series termination resistor should be placed close to
the clock output.
3) An optimum layout is one with all components on the
same side of the board, minimizing vias through other signal
layers (the ferrite bead and bulk decoupling capacitor can be
mounted on the back). Other signal traces should be routed
away from the ICS662-03. This includes signal traces just
underneath the device, or on layers adjacent to the ground
plane layer used by the device.
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS662-03. These ratings, which are
standard values for IDT commercially rated parts, are stress ratings only. Functional operation of the device at these
or any other conditions above those indicated in the operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods can affect product reliability. Electrical
parameters are guaranteed only over the recommended operating temperature range.
Recommended Operation Conditions
Item
Rating
Supply Voltage, VDD
5.5 V
All Inputs and Outputs
-0.5 V to VDD+0.5 V
Ambient Operating Temperature
0 to +70
° C
Storage Temperature
-65 to +150
° C
Junction Temperature
125
° C
Soldering Temperature
260
° C
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature
0
+70
° C
Power Supply Voltage (measured in respect to GND)
+3.0
+3.6
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com