Electronic Components Datasheet Search
  English  ▼

X  

ICS662-03 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS662-03
Description  HDTV AUDIO/VIDEO CLOCK SOURCE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS662-03 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS662-03 Datasheet HTML 1Page - Renesas Technology Corp ICS662-03 Datasheet HTML 2Page - Renesas Technology Corp ICS662-03 Datasheet HTML 3Page - Renesas Technology Corp ICS662-03 Datasheet HTML 4Page - Renesas Technology Corp ICS662-03 Datasheet HTML 5Page - Renesas Technology Corp ICS662-03 Datasheet HTML 6Page - Renesas Technology Corp ICS662-03 Datasheet HTML 7Page - Renesas Technology Corp ICS662-03 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DATASHEET
HDTV AUDIO/VIDEO CLOCK SOURCE
ICS662-03
IDT™ / ICS™ HDTV AUDIO/VIDEO CLOCK SOURCE
1
ICS662-03
REV G 051310
Description
The ICS662-03 provides synchronous clock generation for
audio sampling clock rates derived from an HDTV stream.
The device uses the latest PLL technology to provide
superior phase noise and long term jitter performance. The
device also supports a 27 MHz output clock for video
MPEG applications from an HDTV reference clock.
Please contact IDT if you have a requirement for an input
and output frequency not included here.
Features
• Packaged in 8-pin SOIC
• Pb (lead) free package, RoHS compliant
• HDTV clock input
• Low phase noise
• Exact (0 ppm) multiplication ratios
• Support for 256 and 384 times sampling rate
• Supports 27 MHz output for video (MPEG)
Block Diagram
PLL
Clock
Synthesis
CLK
REF_IN
Control
Circuitry
GND
VDD
SEL3:0


Similar Part No. - ICS662-03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICS662-03 ETC-ICS662-03 Datasheet
105Kb / 6P
HDTV Audio/Video Clock Source
logo
Integrated Device Techn...
ICS662-03 IDT-ICS662-03 Datasheet
171Kb / 7P
HDTV AUDIO/VIDEO CLOCK SOURCE
More results

Similar Description - ICS662-03

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS627-01 ICST-ICS627-01 Datasheet
42Kb / 4P
HDTV Set-Top Clock Source
Revision 051600
logo
List of Unclassifed Man...
ICS66203 ETC-ICS66203 Datasheet
105Kb / 6P
HDTV Audio/Video Clock Source
logo
Integrated Circuit Syst...
MK2705 ICST-MK2705 Datasheet
121Kb / 6P
Audio Clock Source
Revision 102103
ICS664-03 ICST-ICS664-03 Datasheet
148Kb / 6P
Digital Video Clock Source
Revision 091404
logo
Integrated Device Techn...
ICS662-03 IDT-ICS662-03 Datasheet
171Kb / 7P
HDTV AUDIO/VIDEO CLOCK SOURCE
logo
List of Unclassifed Man...
ICS664G-03LF ETC2-ICS664G-03LF Datasheet
196Kb / 7P
DIGITAL VIDEO CLOCK SOURCE
logo
Renesas Technology Corp
MK2705 RENESAS-MK2705 Datasheet
331Kb / 8P
AUDIO CLOCK SOURCE
051310
ICS664-01 RENESAS-ICS664-01 Datasheet
257Kb / 8P
DIGITAL VIDEO CLOCK SOURCE
051310
ICS664-03 RENESAS-ICS664-03 Datasheet
362Kb / 8P
DIGITAL VIDEO CLOCK SOURCE
051310
ICS664-05 RENESAS-ICS664-05 Datasheet
261Kb / 8P
DIGITAL VIDEO CLOCK SOURCE
100907
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com