Electronic Components Datasheet Search
  English  ▼

X  

ICS662-03 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ICS662-03
Description  HDTV AUDIO/VIDEO CLOCK SOURCE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS662-03 Datasheet(HTML) 4 Page - Renesas Technology Corp

  ICS662-03 Datasheet HTML 1Page - Renesas Technology Corp ICS662-03 Datasheet HTML 2Page - Renesas Technology Corp ICS662-03 Datasheet HTML 3Page - Renesas Technology Corp ICS662-03 Datasheet HTML 4Page - Renesas Technology Corp ICS662-03 Datasheet HTML 5Page - Renesas Technology Corp ICS662-03 Datasheet HTML 6Page - Renesas Technology Corp ICS662-03 Datasheet HTML 7Page - Renesas Technology Corp ICS662-03 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ICS662-03
HDTV AUDIO/VIDEO CLOCK SOURCE
CLOCK SYNTHESIZER
IDT™ / ICS™ HDTV AUDIO/VIDEO CLOCK SOURCE
4
ICS662-03
REV G 051310
DC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V ±10%, Ambient Temperature 0 to +70
° C
AC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V ±10%, Ambient Temperature 0 to +70
° C
Thermal Characteristics
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
3.0
3.3
3.6
V
Supply Current
IDD
No Load, first 8 modes
25
29
mA
No Load, last 8 modes
16
21
mA
Input High Voltage
VIH
2V
Input Low Voltage
VIL
0.8
V
Output High Voltage
VOH
IOH = -4 mA
VDD-0.4
V
Output High Voltage
VOH
IOH = -12 mA
2.4
V
Output Low Voltage
VOL
IOL = 12 mA
0.4
V
Short Circuit Current
IOS
Each output
±50
mA
Nominal Output Impedance
ZOUT
20
Ω
Input Capacitance
CIN
input pins
7
pF
Internal pull-up resistor
RPU
S2 pin
510
k
Ω
S3, S1, S0 pins
120
k
Ω
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Output Clock Rise Time
tOR
20% to 80%, 15 pF load
1.2
1.5
ns
Output Clock Fall Time
tOF
80% to 20%, 15 pF load
1.0
1.5
ns
Output Duty Cycle
tOD
at VDD/2, 15 pF load
45
55
%
Jitter, short term
tP-P
15 pF load
+75
ps
Jitter, long term
27M output, 15 pF load,
first 8 modes,
1000 cycles delay
900
ps
27M output, 15 pF load,
last 8 modes,
1000 cycles delay
600
ps
Frequency Synthesis Error
0
ppm
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to
Ambient
θJA
Still air
150
° C/W
θJA
1 m/s air flow
140
° C/W
θJA
3 m/s air flow
120
° C/W
Thermal Resistance Junction to Case
θJC
40
° C/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com