Electronic Components Datasheet Search
  English  ▼

X  

BFR520 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BFR520
Description  NPN 9 GHz wideband transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFR520 Datasheet(HTML) 3 Page - NXP Semiconductors

  BFR520 Datasheet HTML 1Page - NXP Semiconductors BFR520 Datasheet HTML 2Page - NXP Semiconductors BFR520 Datasheet HTML 3Page - NXP Semiconductors BFR520 Datasheet HTML 4Page - NXP Semiconductors BFR520 Datasheet HTML 5Page - NXP Semiconductors BFR520 Datasheet HTML 6Page - NXP Semiconductors BFR520 Datasheet HTML 7Page - NXP Semiconductors BFR520 Datasheet HTML 8Page - NXP Semiconductors BFR520 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
September 1995
3
Philips Semiconductors
Product specification
NPN 9 GHz wideband transistor
BFR520
LIMITING VALUES
In accordance with the Absolute Maximum System (IEC 134).
THERMAL RESISTANCE
Note
1. Ts is the temperature at the soldering point of the collector tab.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−
20
V
VCES
collector-emitter voltage
RBE =0
−
15
V
VEBO
emitter-base voltage
open collector
−
2.5
V
IC
DC collector current
−
70
mA
Ptot
total power dissipation
up to Ts =97 °C; note 1
−
300
mW
Tstg
storage temperature
−65
150
°C
Tj
junction temperature
−
175
°C
SYMBOL
PARAMETER
THERMAL RESISTANCE
Rth j-s
from junction to soldering point (note 1)
260 K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com