Electronic Components Datasheet Search
  English  ▼

X  

BFR520 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BFR520
Description  NPN 9 GHz wideband transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFR520 Datasheet(HTML) 4 Page - NXP Semiconductors

  BFR520 Datasheet HTML 1Page - NXP Semiconductors BFR520 Datasheet HTML 2Page - NXP Semiconductors BFR520 Datasheet HTML 3Page - NXP Semiconductors BFR520 Datasheet HTML 4Page - NXP Semiconductors BFR520 Datasheet HTML 5Page - NXP Semiconductors BFR520 Datasheet HTML 6Page - NXP Semiconductors BFR520 Datasheet HTML 7Page - NXP Semiconductors BFR520 Datasheet HTML 8Page - NXP Semiconductors BFR520 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
September 1995
4
Philips Semiconductors
Product specification
NPN 9 GHz wideband transistor
BFR520
CHARACTERISTICS
Tj = 25 °C unless otherwise specified.
Notes
1. GUM is the maximum unilateral power gain, assuming S12 is zero and
2. IC = 20 mA; VCE =6 V; RL =50 Ω;Tamb =25 °C;
fp = 900 MHz; fq = 902 MHz;
measured at f(2p−q) = 898 MHz and f(2q−p) = 904 MHz.
SYMBOL
PARAMETER
CONDITIONS
MIN. TYP. MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB = 6 V
−−
50
nA
hFE
DC current gain
IC = 20 mA; VCE = 6 V
60
120
250
Ce
emitter capacitance
IC = ic = 0; VEB = 0.5 V; f = 1 MHz
−
1
−
pF
Cc
collector capacitance
IE =ie = 0; VCB = 6 V; f = 1 MHz
−
0.5
−
pF
Cre
feedback capacitance
IC = 0; VCB = 6 V; f = 1 MHz
−
0.4
−
pF
fT
transition frequency
IC = 20 mA; VCE = 6 V; f = 1 GHz
−
9
−
GHz
GUM
maximum unilateral
power gain (note 1)
IC = 20 mA; VCE = 6 V;
Tamb = 25 °C; f = 900 MHz
−
15
−
dB
IC = 20 mA; VCE = 6 V;
Tamb = 25 °C; f = 2 GHz
−
9
−
dB
S212
insertion power gain
IC = 20 mA; VCE = 6 V;
Tamb = 25 °C; f = 900 MHz
13
14
−
dB
F
noise figure
Γ
s = Γopt;IC = 5 mA; VCE = 6 V;
Tamb =25 °C; f = 900 MHz
−
1.1
1.6
dB
Γs = Γopt;IC = 20 mA; VCE = 6 V;
Tamb =25 °C; f = 900 MHz
−
1.6
2.1
dB
Γ
s = Γopt;IC = 5 mA; VCE = 6 V;
Tamb =25 °C; f = 2 GHz
−
1.9
−
dB
PL1
output power at 1 dB gain
compression
IC = 20 mA; VCE =6 V; RL =50 Ω;
Tamb =25 °C; f = 900 MHz
−
17
−
dBm
ITO
third order intercept point
note 2
−
26
−
dBm
G
UM
10
S
21
2
1S
11
2
–


1S
22
2
–


--------------------------------------------------------------
dB.
log
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com