Electronic Components Datasheet Search
  English  ▼

X  

CLC5955 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5955
Description  11-bit, 55MSPS Broadband Monolithic A/D Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5955 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  CLC5955 Datasheet HTML 1Page - National Semiconductor (TI) CLC5955 Datasheet HTML 2Page - National Semiconductor (TI) CLC5955 Datasheet HTML 3Page - National Semiconductor (TI) CLC5955 Datasheet HTML 4Page - National Semiconductor (TI) CLC5955 Datasheet HTML 5Page - National Semiconductor (TI) CLC5955 Datasheet HTML 6Page - National Semiconductor (TI) CLC5955 Datasheet HTML 7Page - National Semiconductor (TI) CLC5955 Datasheet HTML 8Page - National Semiconductor (TI) CLC5955 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CLC5955
3
http://www.national.com
PARAMETERS
CONDITIONS
SYMB
TEMP
RATINGS
UNITS
NOTES
MIN
TYP
MAX
2
TIMING (CL =7pF DATA; 10pF DAV)
max conversion rate (ENCODE)
Full
55
75
MSPS
1
min conversion rate (ENCODE)
+25°C
10
MSPS
pulse width high (ENCODE)
50% threshold
tP
Full
9.1
ns
3
pulse width low (ENCODE)
50% threshold
tM
Full
9.1
ns
3
ENCODE falling edge to DATA not valid
tDNV
Full
8.3
ns
3
ENCODE falling edge to DATA guaranteed valid
tDGV
Full
17.8
ns
3
rising ENCODE to rising DAV delay
50% threshold
tDAV
Full
8.3
12.6
ns
3
DATA setup time before rising DAV
tS
Full
tM-2.4
ns
3
DATA hold time after rising DAV
tH
Full
tP-1.6
ns
3
pipeline latency
Full
3.0
clk cycle
Min/max ratings are based on product characterization and simulation. Individual parameters are tested as noted. Outgoing quality levels are
determined from tested parameters.
Absolute Maximum Ratings
positive supply voltage (Vcc)
-0.5V to +6V
differential voltage between any two grounds
<100mV
analog input voltage range
GND to Vcc
digital input voltage range
-0.5V to +Vcc
output short circuit duration (one-pin to ground)
infinite
junction temperature
175°C
storage temperature range
-65°C to 150°C
lead solder duration (+300°C)
10sec
ESD tolerance
human body model
2000V
machine model
200V
Note: Absolute maximum ratings are limiting values, to be applied individually, and
beyond which the serviceability of the circuit may be impaired. Functional
operability under any of these conditions is not necessarily implied. Exposure to
maximum ratings for extended periods may affect device reliability.
Recommended Operating Conditions
positive supply voltage (Vcc)
+5V ±5%
analog input voltage range
2.048Vpp diff.
operating temperature range
-40°C to +85°C
Package Thermal Resistance
Package
θJA
θJC
48-pin TSSOP
56°C/W
16°C/W
Reliability Information
Transistor count
5000
Ordering Information
Model
Temperature Range
Description
CLC5955MTDX
-40°C to +85°C
48-pin TSSOP (TNR 1000 pc reel)
Notes
1) These parameters guaranteed by test.
2) Typical specifications are based on the mean test values of
deliverable converters from the first three diffusion lots.
3) Values guaranteed based on characterization and simulation.
4) See page 8, Figure 3 for ENCODE Inputs circuit.
CLC5955 Electrical Characteristics (V
cc= +5V, 55MSPS; unless specified) (Tmin = -40°C, Tmax = +85°C)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com