Electronic Components Datasheet Search
  English  ▼

X  

CLC5955 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5955
Description  11-bit, 55MSPS Broadband Monolithic A/D Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5955 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button CLC5955 Datasheet HTML 2Page - National Semiconductor (TI) CLC5955 Datasheet HTML 3Page - National Semiconductor (TI) CLC5955 Datasheet HTML 4Page - National Semiconductor (TI) CLC5955 Datasheet HTML 5Page - National Semiconductor (TI) CLC5955 Datasheet HTML 6Page - National Semiconductor (TI) CLC5955 Datasheet HTML 7Page - National Semiconductor (TI) CLC5955 Datasheet HTML 8Page - National Semiconductor (TI) CLC5955 Datasheet HTML 9Page - National Semiconductor (TI) CLC5955 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
http://www.national.com
8
CLC5955
Analog Inputs and Bias
Figure 1 depicts the analog input and bias scheme. Each
of the differential analog inputs are internally biased to a
nominal voltage of 2.40 volts DC through a 500
Ω resistor
to a low impedance buffer. This enables a simple
interface to a broadband RF transformer with a center-
tapped output winding that is decoupled to the analog
ground. If the application requires the inputs to be DC
coupled, the Vcm output can be used to establish the
proper common -mode input voltage for the ADC. The
Vcm voltage reference is generated from an internal
bandgap source that is very accurate and stable.
Figure 1: CLC5955 Bias Scheme
The Vcm output may also be used to power down the
ADC. When the Vcm pin is pulled above 3.5V, the internal
bias mirror is disabled and the total current is reduced to
less than 10mA. Figure 2 depicts how this function can
be used. The diode is necessary to prevent the logic gate
from altering the ADC bias value.
Figure 2: Power Shutdown Scheme
ENCODE Clock Inputs
The CLC5955’s differential input clock scheme is
compatible with all commonly used clock sources.
Although small differential and single-ended signals are
adequate, for best aperture jitter performance a low noise
differential clock with a high slew rate is preferred. As
depicted in Figure 3, both ENCODE clock inputs are
internally biased to VCC/2 though a pair of 5KΩ resistors.
The clock input buffer operates with any common-mode
voltage between the supply and ground.
Figure 3: CLC5955 ENCODE Clock Inputs
The internal bias resistors simplify the clock interface to
another center-tapped transformer as depicted in Figure
4. A low phase noise, RF synthesizer of moderate ampli-
tude (1 - 4Vpp) can drive the ADC through this interface.
Figure 4: Transformer Coupled Clock Scheme
Vcm
1.23V
Bandgap
Reference
ADC
Bias Mirror
2K
Ω
To T/H
and ADC
Ain
Ain
2.4V
–
+
-
500
Ω
500
Ω
Vref
5V CMOS
"1" = on
"0" = off
CLC5955
BJT Current Mirror
VCCA
GNDA
ENC
ENC
5k
Ω
5k
Ω
5k
Ω
5k
Ω
ENC
ENC
CLC5955
~
CLC5955 Applications



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com