Electronic Components Datasheet Search
  English  ▼

X  

CLC5955 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5955
Description  11-bit, 55MSPS Broadband Monolithic A/D Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5955 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CLC5955 Datasheet HTML 1Page - National Semiconductor (TI) CLC5955 Datasheet HTML 2Page - National Semiconductor (TI) CLC5955 Datasheet HTML 3Page - National Semiconductor (TI) CLC5955 Datasheet HTML 4Page - National Semiconductor (TI) CLC5955 Datasheet HTML 5Page - National Semiconductor (TI) CLC5955 Datasheet HTML 6Page - National Semiconductor (TI) CLC5955 Datasheet HTML 7Page - National Semiconductor (TI) CLC5955 Datasheet HTML 8Page - National Semiconductor (TI) CLC5955 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© 2002 National Semiconductor Corporation
http://www.national.com
Printed in the U.S.A.
N
ME79TG
CLC5957
MTD
N
N
ME79TG
CLC5955
MTD
N
General Description
The CLC5955 is a monolithic 11-bit, 55MSPS analog-to-digital
converter. The device has been optimized for use in IF-sampled
digital receivers and other applications where high resolution,
high sampling rate, wide dynamic range, low power dissipation,
and compact size are required. The CLC5955 features differential
analog inputs, low jitter differential universal clock inputs, a low
distortion track-and-hold with 0-300MHz input bandwidth, a bandgap
voltage reference, data valid clock output, TTL compatible CMOS
(3.3V or 2.5V) programmable output logic, and a proprietary multi-
stage quantizer. The CLC5955 is fabricated on the ABIC-V 0.8
micron BiCMOS process.
The CLC5955 features a 74dBc spurious free dynamic range
(SFDR) and a 64dB signal to noise ratio (SNR). The wideband
track-and-hold allows sampling of IF signals to greater than
250MHz. The part produces two-tone, dithered, SFDR of 83dBFS
at 75MHz input frequency. The differential analog input provides
excellent common mode rejection, while the differential universal
clock inputs minimize jitter. The 48-pin TSSOP package provides
an extremely small footprint for applications where space is a
critical consideration. The CLC5955 operates from a single +5V
power supply. Operation over the industrial temperature range of
-40°C to +85°C is guaranteed. National Semiconductor tests
each part to verify compliance with the guaranteed specifications.
ADC Block Diagram
CLC5955
11-bit, 55MSPS Broadband Monolithic A/D Converter
Features
• 55MSPS
• Wide dynamic range
SFDR: 74dBc
SFDR w/dither: 85dBFS
SNR: 64dB
• IF sampling capability
• Input bandwidth = 0-300MHz
• Low power dissipation: 640mW
• Very small package: 48-pin TSSOP
• Single +5V supply
• Data valid clock output
• Programmable output levels:
3.3V or 2.5V
Applications
• Cellular base-stations
• Digital communications
• Infrared/CCD imaging
• IF sampling
• Electro-optics
• Instrumentation
• Medical imaging
• High definition video
April 2002
Q
T/H
AIn
Q
Q
Q
Bit Align/Error Correct
11
Clock
In
ADC
Out
DAV
11
IF
Saw
IF
Input
~
~
BPF
(150MHz
typ.)
DVGA
(
∆G = 42dB)
CLC5955
11-bit
55MSPS
ADC
Dig.
Tuner/
Filter
AGC
20
3-bit (Gain Control)
Noise
BPF
DAV
CLC5903
First IF Receiver
Actual Size
Frequency (MHz)
0
-10
-100
-90
-80
-70
-60
-50
-40
-30
-20
0
828
4
12
16
20
24
32
Fin = 25.3MHZ
Fsample = 66MHz
Single Tone Output Spectrum w/Dither
Input (dBFS)
90
80
0
10
20
30
40
50
60
70
-125
-50
-25
0
-75
-100
Receiver SINAD vs. Input Amplitude
Decimation/filter = 190/0.8
Output BW = 50M/190 X 0.8 = 210KHz


Similar Part No. - CLC5955

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC5956 NSC-CLC5956 Datasheet
391Kb / 10P
12-bit, 65 MSPS Broadband Monolithic A/D Converter
CLC5956IMTD NSC-CLC5956IMTD Datasheet
391Kb / 10P
12-bit, 65 MSPS Broadband Monolithic A/D Converter
CLC5956IMTDX NSC-CLC5956IMTDX Datasheet
391Kb / 10P
12-bit, 65 MSPS Broadband Monolithic A/D Converter
CLC5956PCASM NSC-CLC5956PCASM Datasheet
391Kb / 10P
12-bit, 65 MSPS Broadband Monolithic A/D Converter
CLC5957 NSC-CLC5957 Datasheet
631Kb / 12P
12-bit, 70MSPS Broadband Monolithic A/D Converter
More results

Similar Description - CLC5955

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC5956 NSC-CLC5956 Datasheet
391Kb / 10P
12-bit, 65 MSPS Broadband Monolithic A/D Converter
CLC5957 NSC-CLC5957 Datasheet
631Kb / 12P
12-bit, 70MSPS Broadband Monolithic A/D Converter
logo
Analog Devices
AD7861 AD-AD7861 Datasheet
95Kb / 6P
11-Bit Resolution Simultaneous Sampling A/D Converter
REV.B
AD9048 AD-AD9048 Datasheet
109Kb / 8P
Monolithic 8-Bit Video A/D Converter
REV.C
logo
National Semiconductor ...
CLC5957 NSC-CLC5957_02 Datasheet
1Mb / 16P
12-Bit, 70MSPS Broadband Monolithic A/D Converter
logo
Analog Devices
AD9048TQ-883B AD-AD9048TQ-883B Datasheet
263Kb / 8P
Monolithic 8-Bit Video A/D Converter
REV. F
DAC210FX AD-DAC210FX Datasheet
1Mb / 4P
11-BIT VOLTAGE-OUTPUT D/A CONVERTER
7/89,Rev.B1
AD7861 AD-AD7861_15 Datasheet
98Kb / 6P
11-Bit Resolution Simultaneous Sampling A/D Converter
REV. B
DAC210 AD-DAC210_15 Datasheet
1Mb / 4P
11-BIT VOLTAGE OUTPUT D/A CONVERTER
7/89,Rev.B1
AD7861 AD-AD7861_17 Datasheet
128Kb / 7P
11-Bit Resolution Simultaneous Sampling A/D Converter
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com