Electronic Components Datasheet Search
  English  ▼

X  

BAT720 Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # BAT720
Description  Schottky barrier diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAT720 Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  BAT720 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAT720 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAT720 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAT720 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAT720 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAT720 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAT720 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAT720 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAT720 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
BAT720
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 14 November 2012
4 of 10
Nexperia
BAT720
Schottky barrier diode
8.
Test information
8.1 Quality information
This product has been qualified in accordance with the Automotive Electronics Council
(AEC) standard Q101 - Stress test qualification for discrete semiconductors, and is
suitable for use in automotive applications.
f=1MHz; Tamb =25 C
Fig 3.
Diode capacitance as a function of reverse voltage; typical values
mbk577
40
30
VR (V)
Cd
(pF)
010
20
102
10
1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com