Electronic Components Datasheet Search
  English  ▼

X  

BAT720 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # BAT720
Description  Schottky barrier diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAT720 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  BAT720 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAT720 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAT720 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAT720 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAT720 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAT720 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAT720 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAT720 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAT720 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
BAT720
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 14 November 2012
2 of 10
Nexperia
BAT720
Schottky barrier diode
3.
Ordering information
4.
Marking
[1]
* = placeholder for manufacturing site code.
5.
Limiting values
[1]
Tj =25 C before surge.
[2]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
6.
Thermal characteristics
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
Table 3.
Ordering information
Type number
Package
Name
Description
Version
BAT720
-
plastic surface-mounted package; 3 leads
SOT23
Table 4.
Marking codes
Type number
Marking code[1]
BAT720
L6*
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VR
reverse voltage
-
40
V
IF
forward current
-
500
mA
IFSM
non-repetitive peak
forward current
square wave;
tp <10ms
[1] -2
A
Ptot
total power dissipation
Tamb  25 C
[2] -200
mW
Tj
junction temperature
-
125
C
Tamb
ambient temperature
55
+125
C
Tstg
storage temperature
65
+150
C
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1] -
-
500
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com