Electronic Components Datasheet Search
  English  ▼

X  

BAT720 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # BAT720
Description  Schottky barrier diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAT720 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  BAT720 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAT720 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAT720 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAT720 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAT720 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAT720 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAT720 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAT720 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAT720 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1.
Product profile
1.1 General description
Planar Schottky barrier diode with an integrated guard ring for stress protection,
encapsulated in a small SOT23 (TO-236AB) Surface-Mounted Device (SMD) plastic
package.
1.2 Features and benefits
 Low forward voltage
 Low capacitance
 AEC-Q101 qualified
1.3 Applications
1.4 Quick reference data
[1]
Pulse test: tp  300 s;  0.02.
2.
Pinning information
BAT720
Schottky barrier diode
Rev. 4 — 14 November 2012
Product data sheet
 Ultra high-speed switching
 Voltage clamping
 Line termination
 Reverse polarity protection
Table 1.
Quick reference data
Tamb =25 C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VR
reverse voltage
-
-
40
V
VF
forward voltage
IF =500 mA
[1] --
550
mV
IR
reverse current
VR =35V
[1] --
100
A
Table 2.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1
anode
2
not connected
3
cathode
12
3
006aaa436
1
3
2
n.c.


Similar Part No. - BAT720

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAT720 PHILIPS-BAT720 Datasheet
47Kb / 8P
Schottky barrier diode
1999 May 26
logo
Galaxy Semi-Conductor H...
BAT720 BILIN-BAT720 Datasheet
151Kb / 3P
Schottky barrier diode
logo
Guangdong Kexin Industr...
BAT720 KEXIN-BAT720 Datasheet
36Kb / 1P
Schottky barrier diode
logo
Micro Commercial Compon...
BAT720 MCC-BAT720 Datasheet
201Kb / 2P
350mW Schottky Diodes 40 Volts
logo
Shenzhen Jin Yu Semicon...
BAT720 HTSEMI-BAT720 Datasheet
259Kb / 1P
SCHOTTKY BARRIER DIODE
More results

Similar Description - BAT720

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com