Electronic Components Datasheet Search
  English  ▼

X  

BFT25 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BFT25
Description  NPN 2 GHz wideband transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFT25 Datasheet(HTML) 1 Page - NXP Semiconductors

  BFT25 Datasheet HTML 1Page - NXP Semiconductors BFT25 Datasheet HTML 2Page - NXP Semiconductors BFT25 Datasheet HTML 3Page - NXP Semiconductors BFT25 Datasheet HTML 4Page - NXP Semiconductors BFT25 Datasheet HTML 5Page - NXP Semiconductors BFT25 Datasheet HTML 6Page - NXP Semiconductors BFT25 Datasheet HTML 7Page - NXP Semiconductors BFT25 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DATA SHEET
Product specification
File under Discrete Semiconductors, SC14
November 1992
DISCRETE SEMICONDUCTORS
BFT25
NPN 2 GHz wideband transistor


Similar Part No. - BFT25

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFT25 NXP-BFT25 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
BFT25A PHILIPS-BFT25A Datasheet
101Kb / 11P
NPN 5 GHz wideband transistor
December 1997
BFT25A NXP-BFT25A Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
BFT25A NXP-BFT25A_04 Datasheet
100Kb / 14P
NPN 5 GHz wideband transistor
Rev. 04-6 July 2004
BFT25A PHILIPS-BFT25A_15 Datasheet
146Kb / 15P
NPN 5 GHz wideband transistor
Rev. 5-12 September 2011
More results

Similar Description - BFT25

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF689K PHILIPS-BF689K Datasheet
27Kb / 5P
NPN 2 GHz wideband transistor
September 1995
BF763 PHILIPS-BF763 Datasheet
26Kb / 5P
NPN 2 GHz wideband transistor
September 1995
BFG16A PHILIPS-BFG16A Datasheet
71Kb / 8P
NPN 2 GHz wideband transistor
1995 Sep 12
BFR53 PHILIPS-BFR53 Datasheet
89Kb / 12P
NPN 2 GHz wideband transistor
1997 Oct 28
BFG424W PHILIPS-BFG424W Datasheet
101Kb / 13P
NPN 25 GHz wideband transistor
Rev. 01-21 March 2006
logo
New Jersey Semi-Conduct...
BF689K NJSEMI-BF689K Datasheet
89Kb / 2P
NPN 2 GHz wideband transistor
BF763 NJSEMI-BF763 Datasheet
76Kb / 2P
NPN 2 GHz wideband transistor
logo
Quanzhou Jinmei Electro...
BFT25_2015 JMNIC-BFT25_2015 Datasheet
57Kb / 8P
NPN 2 GHz wideband transistor
logo
NXP Semiconductors
BFT25_CNV PHILIPS-BFT25_CNV_15 Datasheet
221Kb / 10P
NPN 2 GHz wideband transistor
November 1992
logo
Quanzhou Jinmei Electro...
BFT25 JMNIC-BFT25_15 Datasheet
57Kb / 8P
NPN 2 GHz wideband transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com